Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP339EER1-TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP339EER1-TR
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339EER1-TR Datasheet(HTML) 3 Page - Exar Corporation

  SP339EER1-TR Datasheet HTML 1Page - Exar Corporation SP339EER1-TR Datasheet HTML 2Page - Exar Corporation SP339EER1-TR Datasheet HTML 3Page - Exar Corporation SP339EER1-TR Datasheet HTML 4Page - Exar Corporation SP339EER1-TR Datasheet HTML 5Page - Exar Corporation SP339EER1-TR Datasheet HTML 6Page - Exar Corporation SP339EER1-TR Datasheet HTML 7Page - Exar Corporation SP339EER1-TR Datasheet HTML 8Page - Exar Corporation SP339EER1-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SP339E
3
REV. 1.0.4
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
PIN DESCRIPTIONS BY MODE (MODE1, MODE0)
Pin
Name
00, Figure 1
01, Figure 2
10, Figure 3
11, Figure 4
1
L1
R1 Output
1
1
2
L2
R2 Output
R1 Output
R1 Output
3
L3
T1 Input
T1 Input
T1 Input
4
L4
T2 Input
5
L6
R3 Output
1
1
6
L7
T3 Input
7
L8
R4 Output
1
1
8
L9
R5 Output
1
1
9
VCC
VCC
10
GND
Ground
11
SLEW
SLEW = VCC enables 250kbps slew limiting
12
DIR1
T1 Enable,
R1 Disable
T1 Enable
13
N/C
This pin is not used and is not connected internally
14
MODE0
0
1
0
1
15
MODE1
0
0
1
1
16
N/C
This pin is not used and is not connected internally
17
TERM
Enables RS-485/422 receiver termination
18
N/C
This pin is not used and is not connected internally
19
ENABLE
ENABLE = VCC for operation, ENABLE = 0V for shutdown
20
VCC
VCC


Similar Part No. - SP339EER1-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L/TR EXAR-SP339EER1-L/TR Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP339EER1-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com