Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-232 Datasheet(PDF) 5 Page - Exar Corporation

Part # RS-232
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

RS-232 Datasheet(HTML) 5 Page - Exar Corporation

  RS-232 Datasheet HTML 1Page - Exar Corporation RS-232 Datasheet HTML 2Page - Exar Corporation RS-232 Datasheet HTML 3Page - Exar Corporation RS-232 Datasheet HTML 4Page - Exar Corporation RS-232 Datasheet HTML 5Page - Exar Corporation RS-232 Datasheet HTML 6Page - Exar Corporation RS-232 Datasheet HTML 7Page - Exar Corporation RS-232 Datasheet HTML 8Page - Exar Corporation RS-232 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SP339E
5
REV. 1.0.4
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SUGGESTED DB9 CONNECTOR PINOUT
DB9
Pin
RS-232
RS-485/422
Full Duplex
RS-485
Half Duplex
1
DCD
TX-
Data-
2
RXD
TX+
Data+
3
TXD
RX+
4
DTR
RX-
5
Ground
6
DSR
7
RTS
8
CTS
9
RI


Similar Part No. - RS-232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-232 ETC1-RS-232 Datasheet
144Kb / 11P
   PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Advantech Co., Ltd.
RS-232 ADVANTECH-RS-232 Datasheet
346Kb / 1P
   RS-232 to RS-422 Converter
logo
Grayhill, Inc
RS-232 GRAYHILL-RS-232 Datasheet
870Kb / 1P
   COMMUNICATION CONVERTERS
logo
List of Unclassifed Man...
RS-232 ETC2-RS-232 Datasheet
169Kb / 2P
   Battery Powered Converter CE
logo
Exar Corporation
RS-232 EXAR-RS-232 Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - RS-232

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com