Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3256M Datasheet(PDF) 8 Page - Harris Corporation

Part # CA3256M
Description  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256M Datasheet(HTML) 8 Page - Harris Corporation

Back Button CA3256M Datasheet HTML 3Page - Harris Corporation CA3256M Datasheet HTML 4Page - Harris Corporation CA3256M Datasheet HTML 5Page - Harris Corporation CA3256M Datasheet HTML 6Page - Harris Corporation CA3256M Datasheet HTML 7Page - Harris Corporation CA3256M Datasheet HTML 8Page - Harris Corporation CA3256M Datasheet HTML 9Page - Harris Corporation CA3256M Datasheet HTML 10Page - Harris Corporation CA3256M Datasheet HTML 11Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8-8
FIGURE 4A. CLOSED LOOP RESPONSE WITH
COMPENSATION CAPACITOR, CCOMP , AND RF,
SEE FIGURE 4B
FIGURE 4B. TEST CIRCUIT FOR FIGURE 4A
FIGURE 4C. OPEN LOOP RESPONSE WITH NO FEEDBACK,
SEE FIGURE 4D
FIGURE 4D. TEST CIRCUIT FOR FIGURE 4C
FIGURE 4. FREQUENCY RESPONSE OF AC COUPLED CIRCUIT OF FIGURE 3
0
-2
-4
-6
-8
-10
0.01
0.1
110
100
VIN = 200mVP-P, AT LOW FREQUENCY 0dB REF. EQUAL
1.13 x GAIN, TA = 25
oC
FREQUENCY (MHz)
9
+
8
7pF
C COMP
VIN
OUTPUT
AMPLIFIER
TG
220
µF
VOUT
75
RF
1k
1k
31
27
25
23
21
29
19
0.01
0.1
1
10
100
FREQUENCY (MHz)
VOUT = 200mVP-P, TA = 25
oC
9
+
8
V IN
VOUT
OUTPUT
AMPLIFIER
TG
NO FEEDBACK
220
µF
150
CA3256


Similar Part No. - CA3256M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

Similar Description - CA3256M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com