Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7731 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 5 Page - Analog Devices

  AD7731_15 Datasheet HTML 1Page - Analog Devices AD7731_15 Datasheet HTML 2Page - Analog Devices AD7731_15 Datasheet HTML 3Page - Analog Devices AD7731_15 Datasheet HTML 4Page - Analog Devices AD7731_15 Datasheet HTML 5Page - Analog Devices AD7731_15 Datasheet HTML 6Page - Analog Devices AD7731_15 Datasheet HTML 7Page - Analog Devices AD7731_15 Datasheet HTML 8Page - Analog Devices AD7731_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD7731
 
REV. A        ‐5‐ 
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
AVDD to AGND .................................................. –0.3 V to +7 V
AVDD to DGND .................................................. –0.3 V to +7 V
DVDD to AGND .................................................. –0.3 V to +7 V
DVDD to DGND .................................................. –0.3 V to +7 V
AGND to DGND ................................................ –5 V to +0.3 V
AVDD to DVDD....................................................... –2 V to +5 V
Analog Input Voltage to AGND ........... –0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND....... –0.3 V to AVDD + 0.3 V
AIN/REF IN Current (Indefinite) .................................... 30 mA
Digital Input Voltage to DGND............ –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND ......... –0.3 V to DVDD + 0.3 V
Output Voltage (D0, D1) to DGND...... –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) ....................................... –40
°C to +85°C
Storage Temperature Range............................ –65
°C to +150°C
Junction Temperature .....................................................+150
°C
Plastic DIP Package, Power Dissipation........................450 mW
θJA Thermal Impedance ............................................... 105°C/W
Lead Temperature (Soldering, 10 sec)............................ +260
°C
TSSOP Package, Power Dissipation..............................450 mW
θJA Thermal Impedance ............................................... 128°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) ...................................................... +215
°C
Infrared (15 sec) ............................................................. +220
°C
SOIC Package, Power Dissipation ................................450 mW
θJA Thermal Impedance ................................................. 75°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) ...................................................... +215
°C
Infrared (15 sec) ............................................................ +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model (Z = RoHS)
Temperature Range
Package Description
Package Option
RoHS Compliant
AD7731BN
−40°C to +85°C
24-Lead PDIP
N-24-1
No
AD7731BNZ
−40°C to +85°C
24-Lead PDIP
N-24-1
Yes
AD7731BR
−40°C to +85°C
24-Lead SOIC_W
RW-24
No
AD7731BR-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
No
AD7731BR-REEL7
−40°C to +85°C
24-Lead SOIC_W
RW-24
No
AD7731BRZ
−40°C to +85°C
24-Lead SOIC_W
RW-24
Yes
AD7731BRZ-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
Yes
AD7731BRZ-REEL7
−40°C to +85°C
24-Lead SOIC_W
RW-24
Yes
AD7731BRU
−40°C to +85°C
24-Lead TSSOP
RU-24
No
AD7731BRU-REEL
−40°C to +85°C
24-Lead TSSOP
RU-24
No
AD7731BRU-REEL7
−40°C to +85°C
24-Lead TSSOP
RU-24
No
AD7731BRUZ
−40°C to +85°C
24-Lead TSSOP
RU-24
Yes
AD7731BRUZ-REEL
−40°C to +85°C
24-Lead TSSOP
RU-24
Yes
AD7731BRUZ-REEL7
−40°C to +85°C
24-Lead TSSOP
RU-24
Yes
EVAL-AD7731EBZ
Evaluation Board
Yes
TO OUTPUT
PIN
50pF
ISINK (800µA AT DVDD = +5V
100µA AT DVDD = +3V)
+1.6V
ISOURCE (200µA AT DVDD = +5V
100µA AT DVDD = +3V)
Figure 1. Load Circuit for Access Time and Bus Relinquish Time  
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
 
 
REV. A


Similar Part No. - AD7731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731BN AD-AD7731BN Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7731BN AD-AD7731BN Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BNZ AD-AD7731BNZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BR AD-AD7731BR Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7731BR AD-AD7731BR Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
More results

Similar Description - AD7731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com