Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3240A Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3240A
Description  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240A Datasheet(HTML) 3 Page - Intersil Corporation

  CA3240A Datasheet HTML 1Page - Intersil Corporation CA3240A Datasheet HTML 2Page - Intersil Corporation CA3240A Datasheet HTML 3Page - Intersil Corporation CA3240A Datasheet HTML 4Page - Intersil Corporation CA3240A Datasheet HTML 5Page - Intersil Corporation CA3240A Datasheet HTML 6Page - Intersil Corporation CA3240A Datasheet HTML 7Page - Intersil Corporation CA3240A Datasheet HTML 8Page - Intersil Corporation CA3240A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Equivalent Input Noise Voltage
(See Figure 19)
eN
f=1kHz, RS =100Ω
40
40
nV/
√Hz
f=10kHz, RS =100Ω
12
12
nV/
√Hz
Short-Circuit Current to Opposite Supply
IOM+Source
40
40
mA
IOM-Sink
11
11
mA
Gain Bandwidth Product (See Figures 14, 28)
fT
4.5
4.5
MHz
Slew Rate (See Figure 15)
SR
9
9
V/
µs
Transient Response (See Figure 1)
tr
RL =2kΩ,CL = 100pF
Rise Time
0.08
0.08
µs
OS
RL =2kΩ,CL = 100pF
Overshoot
10
10
%
Settling Time at 10VP-P (See Figure 26)
tS
AV =+1, RL =2kΩ,CL = 100pF,
Voltage Follower
To 1mV
4.5
4.5
µs
To 10mV
1.4
1.4
µs
Crosstalk (See Figure 23)
f = 1kHz
120
120
dB
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V, TA =25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
CA3240A
CA3240
Electrical Specifications
For Equipment Design, at VSUPPLY = ±15V, TA = -40 to 85
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
CA3240A
CA3240
Input Offset Voltage
|VIO|3
10
mV
Input Offset Current (Note 8)
|IIO|32
32
pA
Input Current (Note 8)
II
640
640
pA
Large Signal Voltage Gain (See Figures 13, 28), (Note 6)
AOL
63
63
kV/V
96
96
dB
Common Mode Rejection Ratio (See Figure 18)
CMRR
32
32
µV/V
90
90
dB
Common Mode Input Voltage Range (See Figure 25)
VICR
-15to+12.3
-15to+12.3
V
Power Supply Rejection Ratio (See Figure 20)
PSRR
(
∆VIO/∆V±)
150
150
µV/V
76
76
dB
Maximum Output Voltage (Note 7) (See Figures 24, 25)
VOM+12.4
12.4
V
VOM-
-14.2
-14.2
V
Supply Current (See Figure 16) Total For Both Amps
I+
8.4
8.4
mA
Total Device Dissipation
PD
252
252
mW
Temperature Coefficient of Input Offset Voltage
∆VIO/∆T15
15
µV/oC
NOTES:
6. At VO =26VP-P, +12V, -14V and RL =2kΩ.
7. At RL =2kΩ.
8. At TA =85
oC.
Electrical Specifications
For Equipment Design, at V+ = 5V, V- = 0V, TA =25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
CA3240A
CA3240
Input Offset Voltage
|VIO|2
5
mV
Input Offset Current
|IIO|0.1
0.1
pA
Input Current
II
22
pA
Input Resistance
RIN
11
T
Large Signal Voltage Gain (See Figures 13, 28)
AOL
100
100
kV/V
100
100
dB
CA3240, CA3240A


Similar Part No. - CA3240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240A RENESAS-CA3240A Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com