Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3240A Datasheet(PDF) 11 Page - Intersil Corporation

Part # CA3240A
Description  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3240A Datasheet HTML 7Page - Intersil Corporation CA3240A Datasheet HTML 8Page - Intersil Corporation CA3240A Datasheet HTML 9Page - Intersil Corporation CA3240A Datasheet HTML 10Page - Intersil Corporation CA3240A Datasheet HTML 11Page - Intersil Corporation CA3240A Datasheet HTML 12Page - Intersil Corporation CA3240A Datasheet HTML 13Page - Intersil Corporation CA3240A Datasheet HTML 14Page - Intersil Corporation CA3240A Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Differential Light Detector
In the circuit shown in Figure 12, the CA3240E converts the
current from two photo diodes to voltage, and applies 1V of
reverse bias to the diodes. The voltages from the CA3240E
outputs are subtracted in the second stage (CA3140) so that
only the difference is amplified. In this manner, the circuit
can be used over a wide range of ambient light conditions
without circuit component adjustment. Also, when used with
a light source, the circuit will not be sensitive to changes in
light level as the source ages.
FIGURE 11. TYPICAL ELECTROCARIOGRAM WAVEFORM
FIGURE 12. DIFFERENTIAL LIGHT DETECTOR
Vertical: 1.0mV/Div.
Amplifier Gain = 100X
Scope Sensitivity = 0.1V/Div.
Horizontal: >0.2s/Div. (Uncal)
3
2
+15V
6
2
3
7
+15V
CA3140
+
6
5
4
8
4
1
7
-15V
-15V
1/2
CA3240E
+
-
1/2
CA3240E
+
0.015
µF
100K
0.015
µF
100K
+15V
5.1K
1.3
13K
K
C30809
PHOTO
DIODE
C30809
PHOTO
DIODE
-
2K
200K
2K
OUTPUT
-
200k
CA3240, CA3240A


Similar Part No. - CA3240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240A RENESAS-CA3240A Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com