Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3240E Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3240E
Description  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240E Datasheet(HTML) 1 Page - Intersil Corporation

  CA3240E Datasheet HTML 1Page - Intersil Corporation CA3240E Datasheet HTML 2Page - Intersil Corporation CA3240E Datasheet HTML 3Page - Intersil Corporation CA3240E Datasheet HTML 4Page - Intersil Corporation CA3240E Datasheet HTML 5Page - Intersil Corporation CA3240E Datasheet HTML 6Page - Intersil Corporation CA3240E Datasheet HTML 7Page - Intersil Corporation CA3240E Datasheet HTML 8Page - Intersil Corporation CA3240E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
CA3240, CA3240A
Dual, 4.5MHz, BiMOS Operational Amplifier
with MOSFET Input/Bipolar Output
The CA3240A and CA3240 are dual versions of the popular
CA3140 series integrated circuit operational amplifiers. They
combine the advantages of MOS and bipolar transistors on
the same monolithic chip. The gate-protected MOSFET
(PMOS) input transistors provide high input impedance and
a wide common-mode input voltage range (typically to 0.5V
below the negative supply rail). The bipolar output
transistors allow a wide output voltage swing and provide a
high output current capability.
TheCA3240A andCA3240are compatible with theindustry
standard 1458 operational amplifiers in similar packages.The
offset null feature is available only when these types are supplied
in the14leadPDIPpackage (E1suffix).
Functional Diagram
Features
• Dual Version of CA3140
• Internally Compensated
• MOSFET Input Stage
- Very High Input Impedance (ZIN)1.5TΩ (Typ)
- Very Low Input Current (II) 10pA (Typ) at ±15V
- Wide Common-Mode Input Voltage Range (VICR): Can
Be Swung 0.5V Below Negative Supply Voltage Rail
• Directly Replaces Industry Type 741 in Most Applications
Applications
• Ground Referenced Single Amplifiers in Automobile and
Portable Instrumentation
• Sample and Hold Amplifiers
• Long Duration Timers/Multivibrators (Microseconds-
Minutes-Hours)
• Photocurrent Instrumentation
Pinouts
CA3240, CA3240A (PDIP)
TOP VIEW
CA3240A (PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3240AE
-40 to 85
8 Ld PDIP
E8.3
CA3240AE1
-40to85
14 LdPDIP
E14.3
CA3240E
-40 to 85
8 Ld PDIP
E8.3
A
10,000
BIAS CIRCUIT
CURRENT SOURCES
AND REGULATOR
A
1
2mA
4mA
2mA
1.6mA
2
µA
200
µA
200
µA
IN-
OUT-
OFFSET NULL
C1
12pF
V+
V-
+
-
NOTE: Only available with 14 lead DIP (E1 Suffix).
A
10
PUT
PUT
• Intrusion Alarm System
• Active Filters
• Comparators
• Function Generators
• Instrumentation Amplifiers
• Power Supplies
OUTPUT (A)
INV.
INPUT (A)
NON-INV.
1
2
3
4
8
7
6
5
V+
OUTPUT
INV.
NON-INV.
INPUT (A)
V-
INPUT (B)
INPUT (B)
INV.
NON-INV.
OFFSET
V-
OFFSET
NON - INV.
INV.
OFFSET
V+
OUTPUT (A)
NC
OUTPUT (B)
V+
OFFSET
1
2
3
4
5
6
7
14
13
12
11
10
9
8
INPUT (A)
INPUT (A)
NULL (A)
NULL (B)
INPUT (B)
INPUT (B)
NULL (A)
NULL (B)
† Pins 9 and 13 internally connected through approximately 3
Ω.
Data Sheet
August 2001
File Number
1050.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001


Similar Part No. - CA3240E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3240E INTERSIL-CA3240E Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240E RENESAS-CA3240E Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
List of Unclassifed Man...
CA3240E ETC2-CA3240E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3240EZ INTERSIL-CA3240EZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240EZ RENESAS-CA3240EZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3240E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com