Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N0266201 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 3N0266201
Description  End of life (EOL) for certain part numbers with little or no activity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3N0266201 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  3N0266201 Datasheet HTML 1Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 2Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 3Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 4Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 5Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 6Page - Bel Fuse Inc. 3N0266201 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
152 N Third Street, Suite 805
San Jose, CA 95112 USA
T 866.513.2839
www.belpowersolutions.com
Item Number
Near
alternatives/Replacements
Item Number
Near
alternatives/Replacements
MAP130-1005
ABC150-1005G
MPU200-4530
n/a
MAP130-1012C
MAP130-1012
MWT2405-15
n/a
MAP130-1024C
MAP130-1024
FNP300S100FILLER
n/a
MAP140-1012
ABC150-1012G
ZXE4875
n/a
MAP140-S213
n/a
3A77021F00C
n/a
MAP140-S228
n/a
3D19011F100
n/a
MAP40-1005C
MAP40-1005
3E33301F200G
n/a
MAP42-1005
ABC40-1005G
DFA20E24S12
n/a
MAP55-1012C
MAP55-1012
DFA20E24S15
n/a
MAP55-1024C
MAP55-1024
DFA20E24S5
n/a
MAP55-4001M
MAP55-4001C
DFA20E48D12
n/a
MAP55-4002CM
n/a
DFA6U12S5
n/a
MAP55-4002M
n/a
DFA6U48S5
n/a
MAP80-1024C
MAP80-1024
DGP12U5D15
n/a
MAP80-4000M
n/a
DGP12U5S5
n/a
MAP80-4004C
MAP80-4004
DGP20E24T5/12
n/a
MDU150-4000
n/a
DGP20E24T5/15
n/a
MDU150-4350
n/a
DRD512
n/a
MDU150-4530
n/a
DRD515
n/a
MPB80-1012
n/a
EWD515
n/a
MPB80-1024
n/a
FRD512S1-B
n/a
MPB80-1048
n/a
FRS512
n/a
MPB80-3000
n/a
HCS040Z55-S1
n/a
MPB80-3300
n/a
IAS010ZG
n/a
MPB80-3300S285
n/a
IAS010ZGY-1
n/a
MPU150-3300G
n/a
IAS012YJ
n/a
MPU150-4000G
n/a
IAS012ZJ-3
n/a
MPU150-4000M
n/a
IES013ZE
n/a
MPU150-4000MS234
n/a
IES020ZG
n/a
MPU150-4230
n/a
IES020ZG-S1
n/a
MPU150-4350M
MPU150-4350G
IWS548
n/a
MPU150-4530
MPU150-4530G
LES020ZG-3N
n/a
MPU150-4530G
n/a
A88-00415-04
n/a
MPU150-S284
n/a
A88-00415-02
n/a
MPU200-1024M
MPU200-1024G
HKS030Z96
n/a
MPU200-1048
ABC200-1048G
HKS4897
n/a
MPU200-1048G
ABC200-1048G
1-150581
n/a


Similar Part No. - 3N0266201

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3N0403 VBSEMI-3N0403 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0404 VBSEMI-3N0404 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0406 VBSEMI-3N0406 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N04H4 VBSEMI-3N04H4 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0605 VBSEMI-3N0605 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 3N0266201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK1006 ATMEL-ATSTK1006 Datasheet
26Kb / 2P
   Product End-of-Life (EOL) Notification
logo
Silicon Laboratories
EM2420-RTR SILABS-EM2420-RTR Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
logo
Murata Manufacturing Co...
NFW31SP106X1E4 MURATA1-NFW31SP106X1E4_V01 Datasheet
376Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP407X1E4 MURATA1-NFW31SP407X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP157X1E4 MURATA1-NFW31SP157X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP107X1E4 MURATA1-NFW31SP107X1E4_V01 Datasheet
374Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP207X1E4 MURATA1-NFW31SP207X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP206X1E4 MURATA1-NFW31SP206X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP307X1E4 MURATA1-NFW31SP307X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
logo
International Rectifier
IP2034PBF IRF-IP2034PBF Datasheet
72Kb / 2P
   End of Life Notification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com