Electronic Components Datasheet Search |
|
KDM20-23 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
KDM20-23 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page Caution How to Use Separation Loosen the clamp bolt to separate the plug side from the socket side. Socket side Plug side Connection Put together the irregular faces for engage- ment and connect the plug case to the socket. After tightening the clamp bolt by hand, tighten it further with allen wrench (nominal width across flats: 4). Panel mounting 1. Loosen (4) screws for bracket on the socket side using a Phillips screwdriver (JIS nominal No. 2) until the bracket touches the stop ring. 2. Shift the panel mounting bracket to the inside (Move the screw for bracket in the longitudinal direction of the slot) and put the connector in the panel mounting hole. (Panel-mounting hole: See Dimensions.) 3. After shifting the bolt for bracket to the out- side, tighten the bolt by a Phillips screw- driver to fix the socket case. 4. Loosen the screw for bracket until the bracket touches the stop ring and shift the bracket to the inside to remove the con- nector from the panel. Principal Parts Material Model Mixed Sizes of Plug Connectors and Socket Connectors The rectangular multi-connector permits connector exchange in any desired position, thus allowing use of different sizes of tubes. Model 1. Loosen the cross-recessed head machine screw by using a Phillips screwdriver to remove the plate from the case. 2. After exchanging connectors in desired places, fix the plate to the case by using a Phillips screwdriver. Plug case, Socket case Plate, Bracket Plug connector, Socket connector Clamp bolt, Screw for bracket, Cross-recessed head machine screw Type E snap ring POM SPCC plated PBT, C3604BD Electroless nickel plated (ø8) Body Chuck Guide Seal Collet, Release button Stainless steel 304 Stainless steel 304, C3604BD Electroless nickel plated, POM (ø8) POM NBR SWRM, Nickel plated Stainless steel 304 Tubing O.D. No. of connection tubes Plug Model Color of release button ø3.2 ø4 ø6 ø4 ø6 ø8 ø8 ø3.2 10 20 Blue KDM10P-23 KDM10P-04 KDM10P-06 KDM10P-08 KDM20P-23 KDM20P-04 KDM20P-06 KDM20P-08 Socket KDM10S-23 KDM10S-04 KDM10S-06 KDM10S-08 KDM20S-23 KDM20S-04 KDM20S-06 KDM20S-08 Tubing O.D. Connector Model Color of release button ø3.2 ø4 ø6 ø4 ø6 ø8 ø8 ø3.2 Plug connector Socket connector (with packing) Blue KDMP-23 KDMP-04 KDMP-06 KDMP-08 KDMS-23 KDMS-04 KDMS-06 KDMS-08 Cross-recessed round head screw Plate Connector Case Clamp bolt Clamp bolt Screw for bracket Panel Panel mounting bracket Phillips screwdriver Shift the bolt to the outside and tighten it. Mounting After loosening the screw, shift the bracket to the inside. Allen wrench (Nominal width across flats 4) Irregular faces for engagement 15-2-107 Rectangular Multi-connector Series KDM K M H D MS T VMG |
Similar Part No. - KDM20-23 |
|
Similar Description - KDM20-23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |