Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7707 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 8Page - Analog Devices AD7707_15 Datasheet HTML 9Page - Analog Devices AD7707_15 Datasheet HTML 10Page - Analog Devices AD7707_15 Datasheet HTML 11Page - Analog Devices AD7707_15 Datasheet HTML 12Page - Analog Devices AD7707_15 Datasheet HTML 13Page - Analog Devices AD7707_15 Datasheet HTML 14Page - Analog Devices AD7707_15 Datasheet HTML 15Page - Analog Devices AD7707_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AD7707
Rev. B | Page 12 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
32,764
400
0
32,765
32,766
32,767
32,768
32,769
32,770
300
200
100
READING NUMBER
32,763
0100
32,764
32,765
32,766
32,767
32,768
32,769
32,770
32,771
200
300
400
500
600
700
800
900 1000
VDD = 5V
VREF = 2.5V
GAIN = 128
50Hz UPDATE RATE
TA = 25°C
RMS NOISE = 600nV
Figure 4. Typical Noise Plot at Gain = 128 with 50 Hz Update Rate for Low
Level Input Channel
Figure 7. Histogram of Data in Figure 4
READING NUMBER
0
32,769
32,768
32,767
32,766
10Hz UPDATE RATE, UNBUFFERED MODE
GAIN = 2 (±10V INPUT RANGE)
BIPOLAR MODE
ANALOG INPUT SET ON CODE TRANSITION
200
400
600
800
1000
CODE
0
800
700
600
500
400
300
200
100
10Hz UPDATE RATE
UNBUFFERED MODE
BIPOLAR MODE
GAIN = 2
(±10V INPUT RANGE)
1
32,767
2
32,768
Figure 8. Histogram of Data in Figure 5
Figure 5. Typical Noise Plot for AIN3, High Level Input Channel
AIN3 (V)
–10
7
8
9
10
–6
–2
2
6
10
BUFFERED MODE
UNBUFFERED MODE
6
5
4
3
2
1
0
HIGH LEVEL INPUT CHANNEL
±10V INPUT RANGE
10Hz UPDATE RATE
AVDD= DVDD= 5V
REF IN(+) = 2.5V
REF IN(–) = AGND
TA = 25°C
INPUT VOLTAGE (mV)
–20
0
0.2
0.4
0.6
0
2
5
1
0
1
0
1
5
1
BUFFERED MODE
UNBUFFERED MODE
–5
0
5
0.5
0.3
0.1
LOW LEVEL INPUT CHANNEL
GAIN = 128
10Hz UPDATE RATE
AVDD= DVDD= 5V
REF IN(+) = 2.5V
REF IN(–) = AGND
TA = +25°C
Figure 6. Typical RMS Noise vs. Analog Input Voltage for High Level Input
Channel, AIN3
Figure 9. Typical RMS Noise vs. Analog Input Voltage for Low Level Input
Channels, AIN1 and AIN2


Similar Part No. - AD7707_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
Linear Technology
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz