Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7707 Datasheet(PDF) 46 Page - Analog Devices

Part No. AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 42Page - Analog Devices AD7707_15 Datasheet HTML 43Page - Analog Devices AD7707_15 Datasheet HTML 44Page - Analog Devices AD7707_15 Datasheet HTML 45Page - Analog Devices AD7707_15 Datasheet HTML 46Page - Analog Devices AD7707_15 Datasheet HTML 47Page - Analog Devices AD7707_15 Datasheet HTML 48Page - Analog Devices AD7707_15 Datasheet HTML 49Page - Analog Devices AD7707_15 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
AD7707
Rev. B | Page 46 of 52
CHART RECORDERS
Another area where both high and low level input channels are
usually found is in chart recorder applications. Circular chart
recorders generally have two requirements. The first utilizes the
low level input channels of the AD7707 to measure inputs from
thermocouples, RTDs, and pressure sensors. The second
requirement is to be able to measure dc input voltage ranges up
to ±10 V. The high level input channel is ideally suited to this
measurement because there is no external signal conditioning
required to accommodate these high level input signals.
ACCOMMODATING VARIOUS HIGH LEVEL INPUT
RANGES
The high level input channel, AIN3 can accommodate input
signals from −11 V to +30 V on its input. This is achieved using
on-chip thin film resistors that map the signal on AIN3 into a
usable range for the AD7707. The input structure is arranged so
that the Σ-Δ converter sees the same impedance at its AIN(+)
and AIN(−) inputs. The signal on the AIN3 input is referenced
to the HICOM input and the VBIAS signal is used to adjust the
common-mode voltage at the modulator input. In normal 5 V
operation, VBIAS is normally connected to 2.5 V and HICOM
is connected to AGND. This arrangement ensures that the
voltages seen at the modulator input are within the common-
mode range of the buffer.
The differential voltage, AIN, seen by the AD7707 when using
the high level input channel is the difference between AIN3(+)
and AIN3(−), as shown in Figure 31, and must remain within
the absolute common-mode range of the modulator.
AIN3(+) = (AIN3 + 6 × VBIAS+ VHICOM)/8
AIN3(−) = 0.75 × VBIAS + 0.25 VHICOM
AIN = (AIN3 − VHICOM)/8
AIN
5kΩ
30kΩ
15kΩ
5kΩ
AIN3
VBIAS
HICOM
AIN3(+)
AIN3(–)
30kΩ
MUX
Figure 31. AIN3, High Level Input Channel Structure
The VBIAS and HICOM inputs are used to tailor the input
range on the high level input channel to suit a variety of input
ranges. Table 28 applies for operation with AVDD = 5 V, and
REF(+) − REF(−) = 2.5 V. Table 29 applies for operation with
AVDD = 3 V, and REF(+) − REF(−) = 1.25 V.
TYPICAL INPUT CURRENTS
When using the high level input channel, power dissipation is
determined by the currents flowing in the AIN3, VBIAS, and
HICOM inputs. The voltage level applied to these inputs
determines whether the external source driving these inputs
needs to sink or source current. Table 30 shows the currents
associated with the ±10 V input range. These inputs should be
driven from a low impedance source in all applications to
prevent significant gain errors being introduced.
Table 28. Configuration of AD7707 vs. Input Range on AIN3 (AVDD = 5 V, VREF = 2.5 V)
AIN3 Range
VBIAS
HICOM
Gain
Buffered/Unbuffered
AIN Range
±10 V
2.5 V
AGND
2
Buffered/Unbuffered
1.875 V ± 1.25 V
±5 V
2.5 V
AGND
4
Buffered/Unbuffered
1.875 V ± 0.625 V
0 V to 10 V
2.5 V
AGND
2
Buffered/Unbuffered
1.875 V to 3.125 V
0 V to 20 V
AGND
AGND
1
Buffered
0 V to 2.5 V
2.5 V
AGND
1
Buffered
1.875 V to 4.375 V
−5 V to +10 V
2.5 V
2.5 V
2
Buffered/Unbuffered
2.5 V ± 0.9375 V
Table 29. Configuration of AD7707 vs. Input Range on AIN3 (AVDD = 3 V, VREF = 1.25 V)
AIN3 Range
VBIAS
HICOM
Gain
BUF/UNBUF
AIN Range
±5 V
1.25 V
AGND
2
Unbuffered
0.9375 V ± 0.625 V
0 V to 10 V
1.25 V
AGND
1
Unbuffered
0.9375 V to 2.1875 V
−5 V to +10 V
1.25 V
2.5 V
1
Unbuffered
1.5625 V ± 0.9375 V
−7.5 V to +10 V
1.25 V
0 V
1
Unbuffered
0 V to 2.1875 V
±10 V
1.666 V
AGND
1
Unbuffered
1.25 V ± 1.25 V
Table 30. Typical Input Current vs. Voltage on AIN3
AIN3
VBIAS
HICOM
I (AIN3)
I (VBIAS)
I (HICOM)
−10 V
2.5 V
AGND
−354 μA
500 μA
−146 μA
0 V
2.5 V
AGND
−62 μA
250 μA
−188 μA
+10 V
2.5 V
AGND
229 μA
0 μA
−229 μA


Similar Part No. - AD7707_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
Linear Technology
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com