Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7707 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7707
Description  3-Channel 16-Bit, Sigma-Delta ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7707_15 Datasheet HTML 30Page - Analog Devices AD7707_15 Datasheet HTML 31Page - Analog Devices AD7707_15 Datasheet HTML 32Page - Analog Devices AD7707_15 Datasheet HTML 33Page - Analog Devices AD7707_15 Datasheet HTML 34Page - Analog Devices AD7707_15 Datasheet HTML 35Page - Analog Devices AD7707_15 Datasheet HTML 36Page - Analog Devices AD7707_15 Datasheet HTML 37Page - Analog Devices AD7707_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AD7707
Rev. B | Page 34 of 52
Because the FSYNC bit resets the digital filter, the full settling
time of 3 × 1/output rate has to elapse before there is a new
word loaded to the output register on the part. If the DRDY
signal is low when FSYNC goes to a 0, the DRDY signal is not
reset high by the FSYNC command. This is because the
AD7707 recognizes that there is a word in the data register that
has not been read. The DRDY line stays low until an update of
the data register takes place, at which time it goes high for 500 ×
tCLKIN before returning low again. A read from the data register
resets the DRDY signal high and it does not return low until the
settling time of the filter has elapsed (from the FSYNC command)
and there is a valid new word in the data register. If the DRDY
line is high when the FSYNC command is issued, the DRDY
line does not return low until the settling time of the filter has
elapsed.
RESET INPUT
The RESET input on the AD7707 resets all the logic, the digital
filter, and the analog modulator, while all on-chip registers are
reset to their default state. DRDY is driven high and the AD7707
ignores all communications to any of its registers while the RESET
input is low. When the RESET input returns high, the AD7707
starts to process data and DRDY returns low in 3 × 1/output
rate, indicating a valid new word in the data register. However,
the AD7707 operates with its default setup conditions after a
RESET and it is generally necessary to set up all registers and
carry out a calibration after a RESET command.
The AD7707’s on-chip oscillator circuit continues to function
even when the RESET input is low. The master clock signal
continues to be available on the MCLK OUT pin. Therefore, in
applications where the system clock is provided by the AD7707’s
clock, the AD7707 produces an uninterrupted master clock
during RESET commands.
STANDBY MODE
The STBY bit in the communications register of the AD7707
allows the user to place the part in a power-down mode when it
is not required to provide conversion results. The AD7707
retains the contents of all its on-chip registers (including the
data register) while in standby mode. When released from
standby mode, the part starts to process data and a new word is
available in the data register in 3 × 1/output rate from when a 0
is written to the STBY bit.
The STBY bit does not affect the digital interface, nor does it
affect the status of the DRDY line. If DRDY is high when the
STBY bit is brought low, it remains high until there is a valid
new word in the data register. If DRDY is low when the STBY
bit is brought low, it remains low until the data register is
updated, at which time the DRDY line returns high for 500 ×
tCLKIN before returning low again. If DRDY is low when the part
enters its standby mode (indicating a valid unread word in the
data register), the data register can be read while the part is in
standby. At the end of this read operation, the DRDY is reset
high as normal.
Placing the part in standby mode reduces the total current to
9 μA typical with 5 V supplies and 4 μA with 3 V supplies when
the part is operated from an external master clock provided this
master clock is stopped. If the external clock continues to drive
the MCLK IN pin in standby mode, the standby current increases
to 150 μA typical with 5 V supplies and 75 μA typical with 3 V
supplies. If a crystal or ceramic resonator is used as the clock
source, the total current in standby mode is 400 μA typical with
5 V supplies and 90 μA with 3 V supplies. This is because the
on-chip oscillator circuit continues to run when the part is in its
standby mode. This is important in applications where the system
clock is provided by the AD7707’s clock, so that the AD7707
produces an uninterrupted master clock even when it is in its
standby mode. The serial interface remains operational when in
standby mode so that data can be read from the output register
in standby, regardless of whether or not the master clock is stopped.
ACCURACY
Σ-Δ ADCs, like voltage–to-frequency converters (VFCs) and
other integrating ADCs, do not contain any source of
nonmonotonicity and inherently offer no missing codes
performance. The AD7707 achieves excellent linearity by the
use of high quality, on-chip capacitors that have a very low
capacitance/voltage coefficient. The device also achieves low
input drift through the use of chopper-stabilized techniques in
its input stage. To ensure excellent performance over time and
temperature, the AD7707 uses digital calibration techniques
that minimize offset and gain error.
DRIFT CONSIDERATIONS
Charge injection in the analog switches and dc leakage currents
at the sampling modes are the primary sources of offset voltage
drift in the converter. The dc input leakage current is essentially
independent of the selected gain. Gain drift within the converter
depends primarily upon the temperature tracking of the internal
capacitors. It is not affected by leakage currents.
Measurement errors due to offset drift or gain drift can be
eliminated at any time by recalibrating the converter. Using the
system calibration mode can also minimize offset and gain errors
in the signal conditioning circuitry. Integral and differential
linearity errors are not significantly affected by temperature
changes.


Similar Part No. - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7707_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com