Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N0228901 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 3N0228901
Description  End of life (EOL) for certain part numbers with little or no activity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3N0228901 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  3N0228901 Datasheet HTML 1Page - Bel Fuse Inc. 3N0228901 Datasheet HTML 2Page - Bel Fuse Inc. 3N0228901 Datasheet HTML 3Page - Bel Fuse Inc. 3N0228901 Datasheet HTML 4Page - Bel Fuse Inc. 3N0228901 Datasheet HTML 5Page - Bel Fuse Inc. 3N0228901 Datasheet HTML 6Page - Bel Fuse Inc. 3N0228901 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
152 N Third Street, Suite 805
San Jose, CA 95112 USA
T 866.513.2839
www.belpowersolutions.com
Item Number
Near
alternatives/Replacements
Item Number
Near
alternatives/Replacements
10P0459-000
n/a
1-137630
n/a
1-105360-G
n/a
1-137677
n/a
1-111395
n/a
1-137677G
n/a
1-111395-G
n/a
1-137981-G
n/a
1-111396
n/a
1-138053
n/a
1-111396-G
n/a
1-138976
n/a
1-121866
n/a
1-138997-G
n/a
1-121866G
n/a
1-139001
n/a
1-123472
n/a
1-139033-G
n/a
1-123472G
n/a
1-139274
n/a
1-123853-G
n/a
1-139274G
n/a
1-123986
n/a
1-139377
n/a
1-124623
n/a
1-139377-G
n/a
1-127781
n/a
1-139444
n/a
1-128894
n/a
1-139629
n/a
1-129114
n/a
1-139631
n/a
1-129114G
n/a
1-139743
n/a
1-131367
n/a
1-139769
n/a
1-131367G
n/a
1-139769G
n/a
1-134905
n/a
1-139769-G
n/a
1-134905G
n/a
1-139862
n/a
1-135312
n/a
1-139862-G
n/a
1-135312G
n/a
1-139863
n/a
1-135316
n/a
1-140023
n/a
1-135316G
n/a
1-140023G
n/a
1-135316-G
n/a
1-140263
n/a
1-135319
n/a
1-140460
n/a
1-135355
n/a
1-140461
n/a
1-135369
n/a
1-140838G
n/a
1-135369G
n/a
1-141053
n/a
1-135553
n/a
1-141053G
n/a
1-135943
n/a
1-141154
n/a
1-135943G
n/a
1-141154G
n/a
1-136040
n/a
1-141479
n/a
1-136041
n/a
1-141497
n/a
1-137079
n/a
1-141497G
n/a
1-137123
n/a
1-141497-G
n/a


Similar Part No. - 3N0228901

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3N0403 VBSEMI-3N0403 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0404 VBSEMI-3N0404 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0406 VBSEMI-3N0406 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N04H4 VBSEMI-3N04H4 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0605 VBSEMI-3N0605 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 3N0228901

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK1006 ATMEL-ATSTK1006 Datasheet
26Kb / 2P
   Product End-of-Life (EOL) Notification
logo
Silicon Laboratories
EM2420-RTR SILABS-EM2420-RTR Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
logo
Murata Manufacturing Co...
NFW31SP106X1E4 MURATA1-NFW31SP106X1E4_V01 Datasheet
376Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP407X1E4 MURATA1-NFW31SP407X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP157X1E4 MURATA1-NFW31SP157X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP107X1E4 MURATA1-NFW31SP107X1E4_V01 Datasheet
374Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP207X1E4 MURATA1-NFW31SP207X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP206X1E4 MURATA1-NFW31SP206X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP307X1E4 MURATA1-NFW31SP307X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
logo
International Rectifier
IP2034PBF IRF-IP2034PBF Datasheet
72Kb / 2P
   End of Life Notification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com