Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7686 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7686
Description  16-Bit, 500 kSPS PulSAR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7686 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7686_15 Datasheet HTML 6Page - Analog Devices AD7686_15 Datasheet HTML 7Page - Analog Devices AD7686_15 Datasheet HTML 8Page - Analog Devices AD7686_15 Datasheet HTML 9Page - Analog Devices AD7686_15 Datasheet HTML 10Page - Analog Devices AD7686_15 Datasheet HTML 11Page - Analog Devices AD7686_15 Datasheet HTML 12Page - Analog Devices AD7686_15 Datasheet HTML 13Page - Analog Devices AD7686_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7686
Data Sheet
REFERENCE VOLTAGE (V)
5.5
2.3
2.7
3.5
4.3
5.1
3.1
3.9
4.7
100
95
85
90
70
SNR
ENOB
17.0
15.0
16.0
14.0
13.0
SINAD
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
TEMPERATURE (
°C)
125
–55
–35
–15
5
25
45
65
85
105
100
95
90
85
80
VREF = 5V
Figure 14. SNR vs. Temperature
FREQUENCY (kHz)
200
0
50
100
150
100
95
85
90
80
75
70
VREF = 5V, –10dB
VREF = 5V, –1dB
Figure 15. SINAD vs. Frequency
REFERENCE VOLTAGE (V)
5.5
2.3
2.7
3.5
4.3
5.1
3.1
3.9
4.7
–90
–95
–100
–105
–110
–115
–120
–125
–130
THD
SFDR
Figure 16. THD, SFDR vs. Reference Voltage
TEMPERATURE (
°C)
125
–55
–35
–15
5
25
45
65
85
105
–90
–100
–110
–120
–130
VREF = 5V
Figure 17. THD vs. Temperature
FREQUENCY (kHz)
200
0
50
100
150
–60
–70
–90
–80
–100
–110
–120
VREF = 5V, –10dB
VREF = 5V, –1dB
Figure 18. THD vs. Frequency
Rev. C | Page 10 of 28


Similar Part No. - AD7686_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD76861 AD-AD76861 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76861 AD-AD76861 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7686BCPZRL AD-AD7686BCPZRL Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7686BCPZRL1 AD-AD7686BCPZRL1 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7686BCPZRL7 AD-AD7686BCPZRL7 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
More results

Similar Description - AD7686_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
   16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
   16-Bit, 250 kSPS PulSAR
REV. B
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7915 AD-AD7915 Datasheet
561Kb / 26P
   16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
AD7666 AD-AD7666 Datasheet
560Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com