Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7674 Datasheet(PDF) 15 Page - Analog Devices

Part No. AD7674
Description  18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD7674 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7674_15 Datasheet HTML 11Page - Analog Devices AD7674_15 Datasheet HTML 12Page - Analog Devices AD7674_15 Datasheet HTML 13Page - Analog Devices AD7674_15 Datasheet HTML 14Page - Analog Devices AD7674_15 Datasheet HTML 15Page - Analog Devices AD7674_15 Datasheet HTML 16Page - Analog Devices AD7674_15 Datasheet HTML 17Page - Analog Devices AD7674_15 Datasheet HTML 18Page - Analog Devices AD7674_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7674
Rev. A | Page 15 of 28
AVDD (V)
4.50
20
–30
03083-0-023
5.50
5.25
4.75
30
5.00
10
10
20
POSITIVE
FULL SCALE
NEGATIVE
FULL SCALE
ZERO ERROR
0
Figure 23. Zero Error, Positive and Negative Full Scale vs. Supply
CL (pF)
0
10
0
03083-0-024
200
150
50
50
100
30
20
40
OVDD = 2.7V @ 85°C
OVDD = 5V @ 85°C
OVDD = 5V @ 25°C
OVDD = 2.7V @ 25°C
Figure 24. Typical Delay vs. Load Capacitance CL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn