Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA808T Datasheet(PDF) 1 Page - NEC

Part No. UPA808T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA808T Datasheet(HTML) 1 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SILICON TRANSISTOR
FEATURES
Low Noise
NF = 1.3 dB TYP. @VCE = 2 V, IC = 3 mA, f = 2 GHz
NF = 1.3 dB TYP. @VCE = 1 V, IC = 3 mA, f = 2 GHz
A Super Mini Mold Package Adopted
Built-in 2 Transistors (2
× 2SC5184)
ORDERING INFORMATION
PART NUMBER
QUANTITY
PACKING STYLE
µPA808T
Loose products
(50 PCS)
µPA808T-T1
Taping products
(3 KPCS/Reel)
Remark If you require an evaluation sample, please contact an
NEC Sales Representative. (Unit sample quantity is 50
pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
90 in 1 element
mW
180 in 2 elementsNote
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
Note 110 mW must not be exceeded in 1 element.
µPA808T
Document No. P12154EJ2V0DS00 (2nd edition)
(Previous No. ID-3642)
Date Published
November 1996 N
Printed in Japan
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
(WITH BUILT-IN 2 ELEMENTS) SUPER MINI MOLD
2.1±0.1
1.25±0.1
PACKAGE DRAWINGS
(Unit: mm)
©
1994
DATA SHEET
©
1995
65
4
12
3
Q1
Q2
PIN CONNECTIONS
PIN CONFIGURATION (Top View)
1. Collector (Q1)
2. Emitter (Q1)
3. Collector (Q2)
4. Emitter (Q2)
5. Base (Q2)
6. Base (Q1)
Embossed tape 8 mm wide. Pin 6
(Q1 Base), Pin 5 (Q2 Base), Pin 4
(Q2 Emitter) face to perforation
side of the tape.
This device uses radio frequency technology. Take due precautions to protect it from excessive input levels such as static electricity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn