Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA808T Datasheet(PDF) 4 Page - NEC

Part No. UPA808T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPA808T Datasheet(HTML) 4 Page - NEC

  UPA808T Datasheet HTML 1Page - NEC UPA808T Datasheet HTML 2Page - NEC UPA808T Datasheet HTML 3Page - NEC UPA808T Datasheet HTML 4Page - NEC UPA808T Datasheet HTML 5Page - NEC UPA808T Datasheet HTML 6Page - NEC UPA808T Datasheet HTML 7Page - NEC UPA808T Datasheet HTML 8Page - NEC UPA808T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPA808T
4
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–5.5
–10.9
–15.5
–20.7
–24.9
–28.6
–32.6
–35.6
–38.5
–41.3
–43.4
–45.6
–47.9
–49.5
–51.6
–53.0
–54.6
–56.0
–57.4
–59.0
ANG
–6.9
–14.0
–20.5
–28.4
–34.5
–42.2
–49.5
–55.6
–63.1
–68.8
–76.3
–82.9
–88.7
–95.8
–101.4
–107.4
–113.5
–118.6
–124.6
–130.5
MAG
0.993
0.982
0.960
0.925
0.902
0.861
0.826
0.791
0.758
0.731
0.703
0.675
0.652
0.629
0.610
0.591
0.574
0.559
0.545
0.532
ANG
84.1
78.0
72.3
67.5
62.9
58.6
54.4
51.1
48.2
45.7
43.4
41.6
39.4
38.4
37.0
36.0
35.3
35.0
34.5
34.6
MAG
2.031
1.953
1.928
2.021
1.911
1.941
1.930
1.864
1.917
1.839
1.838
1.833
1.742
1.756
1.686
1.654
1.624
1.565
1.530
1.509
MAG
0.029
0.057
0.083
0.105
0.126
0.144
0.158
0.172
0.182
0.191
0.200
0.204
0.209
0.213
0.215
0.217
0.218
0.220
0.221
0.222
MAG
0.974
0.971
0.956
0.926
0.902
0.861
0.829
0.793
0.753
0.723
0.691
0.652
0.628
0.587
0.565
0.535
0.508
0.489
0.471
0.449
ANG
170.7
162.5
154.8
147.6
141.1
135.2
129.2
123.6
118.6
114.1
109.3
104.4
100.1
95.7
92.0
88.1
84.7
81.2
78.4
75.2
VCE = 1 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–10.7
–20.4
–28.1
–34.6
–39.7
–43.1
–46.8
–49.0
–51.3
–52.9
–54.4
–55.6
–57.2
–58.2
–59.6
–60.2
–61.3
–62.4
–63.4
–64.8
ANG
–11.2
–22.2
–31.8
–44.2
–52.5
–63.5
–73.9
–81.8
–90.8
–98.6
–105.7
–113.0
–119.7
–126.4
–132.4
–138.2
–144.4
–150.1
–156.0
–161.8
MAG
0.966
0.914
0.845
0.764
0.705
0.639
0.587
0.543
0.508
0.478
0.451
0.428
0.408
0.390
0.375
0.361
0.348
0.338
0.329
0.319
ANG
81.0
72.7
66.6
61.7
58.1
55.8
54.2
53.3
52.9
52.3
51.9
51.7
51.6
51.8
51.9
51.9
51.9
52.1
52.4
52.4
MAG
5.682
5.447
5.165
5.205
4.838
4.684
4.522
4.219
4.031
3.796
3.574
3.377
3.166
3.011
2.850
2.707
2.588
2.468
2.364
2.274
MAG
0.027
0.052
0.072
0.087
0.101
0.111
0.121
0.129
0.137
0.143
0.152
0.158
0.165
0.171
0.179
0.185
0.193
0.200
0.207
0.214
MAG
0.917
0.879
0.830
0.755
0.703
0.625
0.560
0.506
0.456
0.411
0.384
0.346
0.327
0.303
0.289
0.273
0.261
0.252
0.247
0.242
ANG
164.5
154.3
144.7
136.0
129.3
122.1
115.3
109.8
104.7
100.0
95.9
91.7
88.4
85.2
82.4
79.6
77.1
74.4
72.2
69.8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn