Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TBOX330-870-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. TBOX330-870-FL
Description  Fanless Embedded System with 3rd Generation Intel Core Processor and Intel QM77 for Marine PC
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBOX330-870-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  TBOX330-870-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. TBOX330-870-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
323
Features
tBOX330-870-FL
Fanless Embedded System with 3rd
Generation Intel® Core™ Processor and
Intel® QM77 for Marine PC
IEC60945 certificate, DNV2.4 comply
Comply to fire protection of railway vehicles Europe standard
PrCEN TS 45545-2
3rd Generation Intel® Core™ i7 1.7 GHz up to 2.8 GHz or Intel
®
Core™ i3 1.6 GHz processor
High performance DDR3-1600 4 GB memory onboard
Fanless with operating temperature range of -40°C ~ +70°C
Isolated RS-232/422/485, CAN bus and DIO ports
Supports USB 3.0 and SATA3 interface
2 removable & lockable 2.5” SATA HDD and 1 CFast™
3 internal PCI Express Mini Card slot and 1 SIM slot
Specifications
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
3rd Generation Intel® Core™ i processor ;
3rd Gen. Intel® Core™ i7-3517UE (1.7 GHz up to 2.8 GHz) or
3rd Gen. Intel® Core™ i3-3217UE (1.6 GHz)
System Memory
DDR3-1600 4 GB DRAM
Chipset
Intel® QM77
BIOS
AMI UEFI BIOS with OA 3.0 built
System I/O Outlet
Rear Side
4 x GbE LAN
4 x 10/100/1000Mbps Ethernet
3 x isolated RS-232/422/485
1 x isolated DI/DO (4-in/4-out)
1 x isolated CAN Bus
2 x USB 2.0
2 x audio (mic-in/line-out, screw type)
1 x VGA
1 x DVI-D
1 x VDC power input
1 x remote power switch
4 x antenna opening
Front Side
2 x USB 3.0
2 x audio (mic-in/line-out, screw type)
1 x reset switch
2 x 2.5” SATA drive trays
1 x CFast™ slot
Watchdog Timer
255 levels, 0 ~ 255 sec.
Storage
2 x 2.5” SATA HDD (Removable and with lock protection)
supports RAID 0/1
1 x CFast™
Expansion Interface
3 x PCI Express Mini Card
1 x SIM card slot
System Indicator
1 x green LED for system power on
1 x blue LED for HDD active
1 x green LED for LAN1 link
1 x green/yellow LED for LAN 1 speed
1 x green LED for LAN2 link
1 x green/yellow LED for LAN 2 speed
1 x green LED for LAN3 link
1 x green/yellow LED for LAN 3 speed
1 x green LED for LAN4 link
1 x green/yellow LED for LAN 4 speed
Power Supply
Power input : 14~32VDC, Typical 24VDC
Power Consumption
1.8A @ 24V
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F) W/T SSD
-25°C ~ +55°C (-13°F ~ +131°F) W/T HDD
Storage Temperature
-40°C ~ +80°C (-40°F ~ +176°F)
Humidity
5% ~ 95%, non-condensing
Vibration Endurance
5 Grms with CFast™ (5-500Hz, X, Y, Z directions)
1 Grms with HDD (5-500Hz, X, Y, Z directions)
Dimensions
288 mm (11.33”) (W) x 211 mm (8.3”) (D)
x 85.7 mm (3.37”) (H)
Weight (net/gross)
5.5 kg (12.12 lb)/6.5 kg (14.33 lb)
Certificate
CE (Class A), IEC60945 certificate, DNV2.4 comply
EOS Support
WE8S, WES 7, Linux
Ordering Information
Standard
tBOX330-870-FL-i7-DC
Fanless embedded system with 3rd Generation Intel®
Core™ i7 processor, 4GB DDR3-1600, 4 GbE LAN, 3 isolated
COM, CFast™, 1 isolated CAN bus
Optional
2.5" SATA HDD/SSD
CFast™
3G module
Wi-Fi module
Wi-Fi Bluetooth
GPS module
16 GB or above
1 GB or above
*Specifications and certifications are based on options and may vary.
Rear view
Front view
Swappable
HDD/CFast
Mini card slots(bottom)
USB 3.0
Screw type Audio
Isolated COM and DIO
Gigabit LAN
CAN bus support
24VDC power input
NEW
IEC60945
CFastTM
Isolation
CAN Bus
EN60950
IP40
Fanless
Ext. Temp
EN45545
Swappable
HDD
HDD
DDR3
DDR3
DDR3


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn