Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB10HSA08 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NB10HSA08
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NB10HSA08 Datasheet(HTML) 1 Page - National Instruments Corporation

  NB10HSA08_15 Datasheet HTML 1Page - National Instruments Corporation NB10HSA08_15 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10A
Avg.
80Volts
Schottky Barrier Diode
DSE-13051(1/2)
NB10HSA08
構造:ショットキーバリアダイオード(SBD)
Construction : Schottky Barrier Diode
用途:高周波整流用
Application : High-Frequency Rectification
特長
Feature
小型 SMD
Small SMD
低熱抵抗
Lower Thermal-Resistance
高電流
High Current Capability
Tj=150℃
Tj=150℃
絶対最大定格(表示無き場合
Ta=25℃) Absolute Maximum Ratings (Ta = 25 oC unless otherwise stated)
項目
Item
記号
Symbol
条件
Conditions
定格値
Rating
単位
Units
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
80
V
Tl=91℃,VRM=40V
(Tl:Lead Temperature)
10
平均整流電流
Average Rectified Output Current
IO
50Hz 正弦全波通電
抵抗負荷 *1
50H Full Sine Wave,
Resistive Load
Ta=29℃ *2
VRM=40V
3.0
A
実効順電流
RMS Forward Current
IF(RMS)
11.1
A
サージ順電流
Surge Forward Current
IFSM
50Hz 正弦全波 1 サイクル 非繰り返し
50Hz Full Sine Wave,1 cycle,Non-repetitive
120
A
動作接合温度範囲
Operation Junction Temperature Range
Tjw
-40~+150
保存温度範囲
Storage Temperature Range
Tstg
-40~+150
■電気的・熱的特性 Electrical / Thermal Characteristics
項目
Item
記号
Symbol
条件
Conditions
最小値
min.
代表値
typ.
最大値
max.
単位
Units
ピーク逆電流
Peak Reverse Current
IRM
VRM=VRRM,Tj=25℃, Per diode
-
-
100
µA
ピーク順電圧
Peak Forward Voltage
VFM
IFM=5.0A,Tj=25℃,Per diode
-
-
0.7
V
接合容量
Junction Capacitance
Cj
f=100kHz,VR=10V,Per diode
135
-
pF
Rth(j-l)
接合部・リード間
Junction to Lead
-
-
7
℃/W
熱抵抗
Thermal Resistance
Rth(j-a)
接合部・周囲間
Junction to Ambient
*2(ガラエポ基板実装)
-
-
60
℃/W
*1 : カソードコモン動作による/Common Cathode Operation
*2 : プリント基板実装
/Glass-Epoxy Substrate Mounted (Soldering Land=2.0*1.5mm,2.0*3.5mm,Both Sides)
本資料の記載内容は製品改良などのため予告なく変更することがあります
The content specified herein is subject to change without notice.
外形寸法図
OUTLINE DRAWING
Dimension : mm
Package : NB
Weight
: 0.06g(typ.)
Flammability : Epoxy Resin=UL94V-0 Recognized
Date of issue:2013.9.25


Similar Part No. - NB10HSA08_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
NB10HSA08 NIEC-NB10HSA08 Datasheet
572Kb / 2P
   Schottky Barrier Diode
logo
Kyocera Kinseki Corpota...
NB10HSA08 KSS-NB10HSA08 Datasheet
985Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - NB10HSA08_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com