Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3140E Datasheet(PDF) 14 Page - Intersil Corporation

Part # CA3140E
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140E Datasheet(HTML) 14 Page - Intersil Corporation

Back Button CA3140E Datasheet HTML 10Page - Intersil Corporation CA3140E Datasheet HTML 11Page - Intersil Corporation CA3140E Datasheet HTML 12Page - Intersil Corporation CA3140E Datasheet HTML 13Page - Intersil Corporation CA3140E Datasheet HTML 14Page - Intersil Corporation CA3140E Datasheet HTML 15Page - Intersil Corporation CA3140E Datasheet HTML 16Page - Intersil Corporation CA3140E Datasheet HTML 17Page - Intersil Corporation CA3140E Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Tone Control Circuits
High slew rate, wide bandwidth, high output voltage
capability and high input impedance are all characteristics
required of tone control amplifiers. Two tone control circuits
that exploit these characteristics of the CA3140 are shown in
Figures 19 and 20.
The first circuit, shown in Figure 20, is the Baxandall tone
control circuit which provides unity gain at midband and
uses standard linear potentiometers. The high input
impedance of the CA3140 makes possible the use of low-
cost, low-value, small size capacitors, as well as reduced
load of the driving stage.
Bass treble boost and cut are
±15dB at 100Hz and 10kHz,
respectively. Full peak-to-peak output is available up to at
least 20kHz due to the high slew rate of the CA3140. The
amplifier gain is 3dB down from its “flat” position at 70kHz.
Figure 19 shows another tone control circuit with similar
boost and cut specifications. The wideband gain of this
circuit is equal to the ultimate boost or cut plus one, which in
this case is a gain of eleven. For 20dB boost and cut, the
input loading of this circuit is essentially equal to the value of
the resistance from Terminal No. 3 to ground. A detailed
analysis of this circuit is given in “An IC Operational
Transconductance Amplifier (OTA) With Power Capability” by
L. Kaplan and H. Wittlinger, IEEE Transactions on Broadcast
and Television Receivers, Vol. BTR-18, No. 3, August, 1972.
FIGURE 19. TONE CONTROL CIRCUIT USING CA3130 SERIES (20dB MIDBAND GAIN)
FIGURE 20. BAXANDALL TONE CONTROL CIRCUIT USING CA3140 SERIES
4
7
+
CA3140
-
+30V
3
2
0.1
µF
6
0.005
µF
0.1
µF
2.2M
2.2M
5.1
M
0.012
µF
0.001
µF
0.022
µF
2
µF
18k
0.0022
µF
200k
(LINEAR)
100
pF
100pF
BOOST
TREBLE
CUT
BOOST
BASS
CUT
10k
1M
CCW (LOG)
100k
TONE CONTROL NETWORK
FOR SINGLE SUPPLY
- +
+15V
3
0.1
µF
0.005
µF
5.1M
0.1
µF
-15V
2
6
7
4
+
CA3140
-
TONE CONTROL NETWORK
FOR DUAL SUPPLIES
NOTES:
5. 20dB Flat Position Gain.
6.
±15dB Bass and Treble Boost and Cut
at 100Hz and 10kHz, respectively.
7. 25VP-P output at 20kHz.
8. -3dB at 24kHz from 1kHz reference.
4
7
+
CA3140
-
+32V
3
0.1
2.2M
2.2
M
FOR SINGLE SUPPLY
µF
6
2
0.1
µF
20pF
750
pF
750
pF
2.2M
0.047
µF
BOOST TREBLE
CUT
51k
5M
(LINEAR)
51k
TONE CONTROL NETWORK
BOOST
BASS
CUT
240k
5M
(LINEAR)
240k
+15V
3
0.1
µF
0.047
µF
0.1
µF
-15V
2
6
7
4
+
CA3140
-
FOR DUAL SUPPLIES
NOTES:
9.
±15dB Bass and Treble Boost and Cut at 100Hz and 10kHz, Respectively.
10. 25VP-P Output at 20kHz.
11. -3dB at 70kHz from 1kHz Reference.
12. 0dB Flat Position Gain.
TONE CONTROL
NETWORK
CA3140, CA3140A


Similar Part No. - CA3140E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3140E INTERSIL-CA3140E Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140E RENESAS-CA3140E Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
List of Unclassifed Man...
CA3140E ETC2-CA3140E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3140EZ INTERSIL-CA3140EZ Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140EZ RENESAS-CA3140EZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3140E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com