Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3154 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3154
Description  TV Sync/AGC/Horizontal Signal Processor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3154 Datasheet(HTML) 6 Page - Intersil Corporation

  CA3154 Datasheet HTML 1Page - Intersil Corporation CA3154 Datasheet HTML 2Page - Intersil Corporation CA3154 Datasheet HTML 3Page - Intersil Corporation CA3154 Datasheet HTML 4Page - Intersil Corporation CA3154 Datasheet HTML 5Page - Intersil Corporation CA3154 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8-47
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
0.0047
µF
0.0068
µF
0.1
µF
220k
1.2k
1
µF
10k
2.2k
33k
VIDEO
INPUT
HORIZ.
P.B. PULSE
(+60V)
INPUT
32 X HORIZ.
FREQ.
(503.5kHz)
OSC. OUTPUT
POWER
SUPPLY
+12V
SYNC SEPARATOR
OUTPUT-POSITIVE
SYNC TIPS
470
0.033
µF
18
620pF
470
180k
150pF
0.22
µF
1.2k
27
µH
39pF
2.4mH
470pF
680
1.2k
0.1
µF
2.7k
Q
10
2.7k
3.9k
1.0
µF
330
16.5k
1k
4.5k
500
1.2k
2.2
µF
33pF
DELAY
4.3V
IF
TUNER
REV
TUNER
FWD
220
4.7
µF
AGC
7V
4V
FIGURE 7. TYPICAL APPLICATION OF THE CA3154
14
CA3154
CA3154


Similar Part No. - CA3154

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
CA3154E HARRIS-CA3154E Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
More results

Similar Description - CA3154

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
logo
STMicroelectronics
TDA1180P STMICROELECTRONICS-TDA1180P Datasheet
213Kb / 12P
   TV HORIZONTAL PROCESSOR
May 1993
logo
Motorola, Inc
MC1391 MOTOROLA-MC1391 Datasheet
110Kb / 6P
   TV HORIZONTAL PROCESSOR
logo
NTE Electronics
NTE1664 NTE-NTE1664 Datasheet
26Kb / 3P
   Integrated Circuit TV Hotizontal/Vertical Sync Signal Processor
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
logo
Mitsubishi Electric Sem...
M52347SP MITSUBISHI-M52347SP Datasheet
131Kb / 13P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
NTE Electronics
NTE815 NTE-NTE815 Datasheet
18Kb / 2P
   Integrated Circuit TV Horizontal Processor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com