Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1037-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1037-HF
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1037-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1037-HF_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1037-HF_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
0
0
1
-
0
1
-
1
-
1
.
0
-
-200
-400
-600
-800
0
1
-
1
-
1
.
0
-
1
10
100
0
1
-
1
-
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
0
0
1
-
0
1
-
1
-
1
.
0
-
-200
-400
-600
-800
-1000
0
0
1
-
0
1
-
1
-
-0
-50
-100
-150
-200
0
0
1
-
0
1
-
1
-
10
100
1000
-0
-2
-4
-6
-8
-0
-2
-4
-6
-8
-10
-12
V
BE
——
COMMON EMITTER
V
CE=-6V
T
a=100
T
a=25
COLLCETOR CURRENT I
C
(mA)
C
ib
C
ob
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/ VEB
C
ob/ Cib
——
COLLECTOR-BASE VOLTAGE V
CB/ VEB
(V)
-0.3
I
C
I
C
f
T
——
COLLECTOR CURRENT I
C
(mA)
-50
V
CE= -12V
T
a=25
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
β=10
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
COMMON EMITTER
T
a=25
-200
T
a=100
T
a=25
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-6V
h
FE
——
-50uA
-45uA
-40uA
-35uA
-30uA
-25uA
-20uA
-15uA
-20
-10uA
I
B=-5uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
PNP Transistors
2SA1037-HF (2SA1037AK-HF)


Similar Part No. - 2SA1037-HF_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1037-Q MCC-2SA1037-Q Datasheet
176Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-R MCC-2SA1037-R Datasheet
176Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-R MCC-2SA1037-R Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
More results

Similar Description - 2SA1037-HF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com