Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3094E Datasheet(PDF) 11 Page - Intersil Corporation

Part # CA3094E
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094E Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3094E Datasheet HTML 6Page - Intersil Corporation CA3094E Datasheet HTML 7Page - Intersil Corporation CA3094E Datasheet HTML 8Page - Intersil Corporation CA3094E Datasheet HTML 9Page - Intersil Corporation CA3094E Datasheet HTML 10Page - Intersil Corporation CA3094E Datasheet HTML 11Page - Intersil Corporation CA3094E Datasheet HTML 12Page - Intersil Corporation CA3094E Datasheet HTML 13Page - Intersil Corporation CA3094E Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
3-22
TYPICAL PERFORMANCE DATA FOR 12W AUDIO AMPLIFIER CIRCUIT
Power Output (8
Ω load, Tone Control Set at “Flat”)
Music (at 5% THD, Regulated Supply). . . . . . . . . . . . . . . . . . 15W
Continuous (at 0.2% IMD, 60Hz and 2kHz
Mixed in a 4:1 Ratio, Unregulated Supply)
See Figure 8 in AN6048 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12W
Total Harmonic Distortion
At 1W, Unregulated Supply . . . . . . . . . . . . . . . . . . . . . . . . .0.05%
At 12W, Unregulated Supply . . . . . . . . . . . . . . . . . . . . . . . .0.57%
Voltage Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40dB
Hum and Noise (Below Continuous Power Output) . . . . . . . . . .83dB
Input Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250k
Tone Control Range . . . . . . . . . . . . . . . . . . .See Figure 9 in AN6048
NOTES:
32. For standard input: Short C2;R1 = 250kΩ,C1 = 0.047µF; remove
R2.
33. For ceramic cartridge input: C1 = 0.0047µF, R1 = 2.5MΩ, remove
jumper from C2; leave R2.
FIGURE 22. 12W AUDIO AMPLIFIER CIRCUIT FEATURING TRUE COMPLEMENTARY SYMMETRY OUTPUT STAGE WITH CA3094 IN
DRIVER STAGE
Typical Applications (Continued)
4
5
6
8
1
7
2
CA3094B
+
-
INPUT
R1
3
68
1800
0.001
µF
0.12
µF
0.001
µF
15k
C1
“CUT”
(CCW)
“BOOST”
(CW)
5
µF
820
5600
6.8pF
220
1W
220
1W
30
27
15
µF
+
Q1
Q3
Q2
THERMAL
COMPENSATION
NETWORK
1
8 LEAD
TO-5
0.47
µF
680
k
0.2
µF
100k
1k
25
µF
0.02
µF
10k
+
C2
0.47
µF
JUMPER (NOTES 32, 33)
2N6292
2N6107
0.47
0.47
330
47
4700
µF
+
4700
µF
V+
D1 - D4 1N5391
D1
D2
D3
D4
V-
(120VAC TO
26.8VCT AT 1A)
120V
60Hz
STANCOR
NO. P-8609
OR EQUIVALENT
3
µH
22
R2
1.8M
RL
8
OPTIONAL THERMAL
COMPENSATION
NETWORK
0.01
µF
VOLUME
+
“BOOST”
(CW)
“CUT”
(CCW)
BASS
+
8.2
1N5391
TREBLE
2N6292
(NOTES
32, 33)
(NOTES 32, 33)
CA3094, CA3094A, CA3094B


Similar Part No. - CA3094E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094E INTERSIL-CA3094E Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3094E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com