Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3100 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3100
Description  38MHz, Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3100 Datasheet(HTML) 4 Page - Intersil Corporation

  CA3100 Datasheet HTML 1Page - Intersil Corporation CA3100 Datasheet HTML 2Page - Intersil Corporation CA3100 Datasheet HTML 3Page - Intersil Corporation CA3100 Datasheet HTML 4Page - Intersil Corporation CA3100 Datasheet HTML 5Page - Intersil Corporation CA3100 Datasheet HTML 6Page - Intersil Corporation CA3100 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3-4
Schematic Diagram
FIGURE 5. OUTPUT VOLTAGE SWING (VOM), OUTPUT
CURRENT SWING (IOM) TEST CIRCUIT
FIGURE 6. SETTLING TIME TEST CIRCUIT
Test Circuits (Continued)
2
4
6
1k
7
+
-
CA3100
3
1k
-15V
VOM
9.1k
RL
2k
±1V
+15V
RL = 250Ω FOR IOM TEST
IOM =
VO
250
+
-
CA3100
7
4
1
8
-15V
+15V
3
6
1pF
2k
0.1
µF
VO = ±9V
20pF
0.1
µF
1k
12pF
2k
2k
2k
51
SETTLING POINT TO SCOPE
VI = ±9V
2
3
2
4
V+
Q3
Q4
R1
2.5k
C1
10pF
D2
D3
Q13
OUTPUT
PHASE
COMP
Q8
Q6
Q5
Q1
Q7
Q9
R9
200
Q18
R8
200
R17
600
R19
600
R18
150
OFFSET
NULL
AND PHASE
COMP
OFFSET
NULL
D5
Q17
Q16
6
8
5
1
7
R5
750
R4
750
R6
12k
NON-
INVERT
INPUT
+
Q12
Q15
Q14
Q11
R10
20
R11
20
Q23
Q21
Q22
Q20
R12
50
R14
R13
20
Q19
R15
1.1k
R16
150
R7
10k
-
INVERT
INPUT
D4
Q10
Q2
1.1k
V-
CA3100


Similar Part No. - CA3100

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8S ITT-CA3100A18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Similar Description - CA3100

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com