Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3078M Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3078M
Description  2MHz, Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078M Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3078M Datasheet HTML 4Page - Intersil Corporation CA3078M Datasheet HTML 5Page - Intersil Corporation CA3078M Datasheet HTML 6Page - Intersil Corporation CA3078M Datasheet HTML 7Page - Intersil Corporation CA3078M Datasheet HTML 8Page - Intersil Corporation CA3078M Datasheet HTML 9Page - Intersil Corporation CA3078M Datasheet HTML 10Page - Intersil Corporation CA3078M Datasheet HTML 11Page - Intersil Corporation CA3078M Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 19. OPEN LOOP VOLTAGE GAIN vs TEMPERATURE
FIGURE 20. TOTAL QUIESCENT CURRENT vs TEMPERATURE
FIGURE 21. EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
FIGURE 22. EQUIVALENT INPUT NOISE CURRENT vs
FREQUENCY
Typical Performance Curves (Continued)
125
VS = ±6
100
75
50
25
0
-25
-50
-75
80
85
90
95
100
105
110
CA3078
IQ = 100µA
CA3078A
IQ = 20µA
TEMPERATURE (oC)
125
100
75
50
25
0
-25
-50
-75
10
20
30
40
50
TEMPERATURE (oC)
CA3078A
VS = ±6
CA3078
200
150
100
50
0
0
100
10
0
FREQUENCY (Hz)
101
102
103
104
105
VS = ±6
TA = 25
oC
IQ = 20µA
IQ = 100µA
CA3078AT
1
0.1
0.01
FREQUENCY (Hz)
101
102
103
104
105
VS = ±6
TA = 25
oC
IQ = 100µA
IQ = 20µA
CA3078AT
CA3078, CA3078A


Similar Part No. - CA3078M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078M INTERSIL-CA3078M Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
Rochester Electronics
CA3078M ROCHESTER-CA3078M Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
More results

Similar Description - CA3078M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com