Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA806T Datasheet(PDF) 5 Page - NEC

Part No. UPA806T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA806T Datasheet(HTML) 5 Page - NEC

  UPA806T Datasheet HTML 1Page - NEC UPA806T Datasheet HTML 2Page - NEC UPA806T Datasheet HTML 3Page - NEC UPA806T Datasheet HTML 4Page - NEC UPA806T Datasheet HTML 5Page - NEC UPA806T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
µPA806T
5
S-PARAMETERS
VCE = 3 V, IC = 5 mA, ZO = 50
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.6900
–33.3
12.2960
147.1
0.0320
74.8
0.8850
–19.7
0.400
0.5360
–54.7
9.4300
125.5
0.0610
66.3
0.7210
–30.3
0.600
0.4010
–70.0
7.2390
111.3
0.0700
59.6
0.6030
–34.5
0.800
0.3150
–82.4
5.8220
101.1
0.0950
63.8
0.5230
–36.7
1.000
0.2360
–93.8
4.7830
93.4
0.1090
62.3
0.4870
–38.0
1.200
0.1850
–105.4
4.1700
86.4
0.1260
61.9
0.4600
–38.8
1.400
0.1440
–115.8
3.6410
80.7
0.1350
65.9
0.4360
–40.4
1.600
0.1230
–134.4
3.2380
76.1
0.1560
61.2
0.4170
–42.6
1.800
0.1040
–144.6
2.8910
71.4
0.1770
62.4
0.4020
–43.9
2.000
0.1000
–170.6
2.7040
67.3
0.1930
60.7
0.3940
–45.8
2.200
0.1110
167.4
2.5330
62.6
0.2080
60.6
0.3710
–50.3
2.400
0.1040
158.2
2.3270
58.7
0.2260
61.6
0.3500
–50.2
2.600
0.1180
156.3
2.1850
54.9
0.2560
58.2
0.3560
–51.2
2.800
0.1190
150.0
2.0910
52.6
0.2560
56.8
0.3520
–58.1
3.000
0.1490
142.4
1.9760
49.0
0.2860
56.6
0.3410
–56.9
VCE = 3 V, IC = 10 mA, ZO = 50
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.5080
–43.6
17.0900
135.9
0.0330
63.8
0.7930
–26.2
0.400
0.3410
–65.3
11.3980
114.2
0.0520
68.5
0.5910
–32.9
0.600
0.2320
–80.7
8.2250
102.0
0.0690
69.0
0.5130
–32.9
0.800
0.1770
–90.8
6.3950
93.8
0.0880
71.6
0.4480
–32.8
1.000
0.1220
–108.2
5.1870
87.2
0.1060
69.3
0.4180
–35.9
1.200
0.1010
–121.8
4.4390
81.6
0.1260
70.1
0.4030
–33.3
1.400
0.0670
–138.2
3.8770
76.9
0.1450
70.5
0.3930
–36.5
1.600
0.0620
–167.6
3.4350
72.4
0.1590
65.5
0.3680
–36.2
1.800
0.0660
–171.3
3.0650
68.8
0.1790
65.0
0.3610
–39.5
2.000
0.0770
146.7
2.8540
65.0
0.2060
63.9
0.3480
–42.3
2.200
0.0990
146.5
2.6590
60.5
0.2220
62.8
0.3360
–46.6
2.400
0.1140
128.1
2.4400
57.0
0.2420
60.9
0.3370
–48.8
2.600
0.1260
136.8
2.2790
53.5
0.2660
59.9
0.3170
–47.2
2.800
0.1020
129.6
2.1950
50.9
0.2770
59.6
0.3280
–55.1
3.000
0.1370
123.5
2.0800
47.9
0.2860
58.3
0.3100
–51.2


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn