Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3054MZ96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3054MZ96
Description  Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3054MZ96 Datasheet(HTML) 4 Page - Intersil Corporation

  CA3054MZ96 Datasheet HTML 1Page - Intersil Corporation CA3054MZ96 Datasheet HTML 2Page - Intersil Corporation CA3054MZ96 Datasheet HTML 3Page - Intersil Corporation CA3054MZ96 Datasheet HTML 4Page - Intersil Corporation CA3054MZ96 Datasheet HTML 5Page - Intersil Corporation CA3054MZ96 Datasheet HTML 6Page - Intersil Corporation CA3054MZ96 Datasheet HTML 7Page - Intersil Corporation CA3054MZ96 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Admittance Characteristics; Cascode Circuit
Configuration (For Each Amplifier)
Forward Transfer Admittance (Figure 19)
Y21
VCB = 3V, f = 1MHz
Total Stage IC 2.5 mA
-
68 - j0
-
mS
Input Admittance (Figure 20)
Y11
VCB = 3V, f = 1MHz
Total Stage IC 2.5 mA
-
0.55 +
j0
-mS
Output Admittance (Figure 21)
Y22
VCB = 3V, f = 1MHz
Total Stage IC 2.5 mA
-0 +
j0.02
-mS
Reverse Transfer Admittance (Figure 22)
Y12
VCB = 3V, f = 1MHz
Total Stage IC 2.5 mA
-
0.004 -
j0.005
-
µS
Noise Figure
NF
f = 100MHz
-
8
-
dB
Electrical Specifications TA = 25oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test Circuits
FIGURE 1. COMMON MODE REJECTION RATIO TEST SETUP
FIGURE 2. SINGLE STAGE VOLTAGE GAIN TEST SETUP
FIGURE 3. TWO STAGE VOLTAGE GAIN TEST SETUP
ICUT
11
7
9
6
12
8
SIGNAL
SOURCE
10
µF
VIN = 0.3VRMS
0.5k
1k
0.5k
0.1
µF
1k
VOUT
0.1
µF
VCC = +12V
VX
VCC = +12V
VEE = -6V
ICUT
11
7
9
6
12
8
SIGNAL
SOURCE
10
µF
VIN = 10mVRMS
1k
1k
0.5k
0.1
µF
VEE = -6V
VCC = +12V
1k
VOUT
0.1
µF
VX
1k
VCC = +12V
ICUT
9
6
13
8
SIGNAL
SOURCE
10
µF
VIN = 1mVRMS
1k
1k
VCC = +12V
VOUT
1k
14
12
1k
1k
1
µF
3
11
2
7
1
4
1
µF
1k
1k
0.5k
0.5k
1k
VEE = -6V
0.1
µF
VCC = +12V
VX
0.1
µF
CA3054


Similar Part No. - CA3054MZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3054MZ96 INTERSIL-CA3054MZ96 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054MZ96 RENESAS-CA3054MZ96 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
More results

Similar Description - CA3054MZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
   Dual Low-Power, 120MHz Op Amp
logo
NTE Electronics
NTE917 NTE-NTE917 Datasheet
102Kb / 4P
   Integrated Circuit Dual, Independent Transistor Array, Differential Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com