Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA2111 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA2111
Description  FM IF Amplifier-Limiter and Quadrature Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA2111 Datasheet(HTML) 1 Page - Intersil Corporation

  CA2111 Datasheet HTML 1Page - Intersil Corporation CA2111 Datasheet HTML 2Page - Intersil Corporation CA2111 Datasheet HTML 3Page - Intersil Corporation CA2111 Datasheet HTML 4Page - Intersil Corporation CA2111 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-13
May 1999
CA2111A
FM IF Amplifier-Limiter
and Quadrature Detector
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
612.2
Features
• Input Limiting Voltage At 10.7MHz . . . . . . . . . . . 400
µV
• Input Limiting Voltage At 4.5, 5.5MHz . . . . . . . . 250
µV
• Typical AM Rejection At 10.7MHz. . . . . . . . . . . . . 45dB
• Provision for Output from 3-Stage IF Amplifier Section
• Low Harmonic Distortion
• Quadrature Detection Permits Simplified Single-Coil
Tuning
• Extremely Low AFC Voltage Drift Over Full Operating
Temperature Range
• Minimum Number of External Components Required
Applications
• FM IF Sound
• TV Sound IF
Description
The CA2111A provides a multistage wideband amplifier-
limiter, a quadrature detector, and an emitter-follower output
stage. This device is designed for use in FM receivers and in
the sound IF sections of TV receivers. In addition, an output
terminal is provided which allows the use of the amplifier-
limiter as a straight 60dB wideband amplifier.
The amplifier-limiter features the excellent limiting character-
istic of 3 cascaded differential amplifiers. The quadrature
detector requires only one coil in the associated outboard
circuit and therefore, tuning is a simple procedure.
A unique feature of the CA2111A is its exceptionally low
AFC voltage drift over the full operating-temperature range.
Pinout
CA2111A
(PDIP)
TOP VIEW
Block Diagram
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA2111AE
-40 to 85
14 Ld PDIP
E14.3
AUDIO OUT
REF BIAS
NC
IF IN
DC FB BYPASS
INPUT BYPASS
GROUND
DE-EMPHASIS
V+
QUADRATURE INPUT
QUADRATURE IN BUF
HIGH IF OUTPUT
LOW IF OUTPUT
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2
3
4
5
6
8
9
10
AMPLIFIER-
LIMITER
QUADRATURE
DETECTOR
13
V+
11
12
14
EMITTER
FOLLOWER
1
L1
C1
120pF
14
µH
3pF
0.003
µF
0.1
µF
0.1
µF
51
BIAS
+12V
7
[ /Title
(CA21
11A)
/Sub-
ject
(FM
IF
Ampli-
fier-
Limiter
and
Quadra
ture
Detec-
tor)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
FM IF
ampli-
fier,
quadrat
ure
detec-
tor,
lim-
iter,
TV
audio
IF,
high
AM
rejec-
tion,
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLA
CEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Similar Part No. - CA2111

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA2111A HARRIS-CA2111A Datasheet
55Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
CA2111AE HARRIS-CA2111AE Datasheet
55Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
More results

Similar Description - CA2111

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA2111A HARRIS-CA2111A Datasheet
55Kb / 5P
   FM IF Amplifier-Limiter and Quadrature Detector
logo
TEMIC Semiconductors
U4270B TEMIC-U4270B Datasheet
104Kb / 7P
   FM IF limiter amplifier and detector
logo
Intersil Corporation
CA3075 INTERSIL-CA3075 Datasheet
112Kb / 4P
   FM IF Amplifier-Limiter, Detector, and Audio Preamplifier
logo
Toshiba Semiconductor
TA7130P TOSHIBA-TA7130P Datasheet
401Kb / 5P
   FOR FM IF AMPLIFIER AMPLIFIER AND DETECTOR
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1441 NTE-NTE1441 Datasheet
23Kb / 3P
   Integrated Circuit FM IF Amplifier, Detector
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
NTE Electronics
NTE750 NTE-NTE750 Datasheet
82Kb / 2P
   Integrated Circuit Four Stage FM/IF Amplifier, Limiter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com