Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7621CB2 Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD7621CB2
Description  16-Bit, 2 LSB INL, 3 MSPS PulSAR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7621CB2 Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7621CB2 Datasheet HTML 2Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 3Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 4Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 5Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 6Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 7Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 8Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 9Page - Analog Devices EVAL-AD7621CB2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7621
Rev. 0 | Page 6 of 32
Parameter
Symbol
Min
Typ
Max
Unit
SLAVE SERIAL INTERFACE MODES5 (Refer to Figure 40 and Figure 41)
External SCLK Setup Time
t31
5
ns
External SCLK Active Edge to SDOUT Delay
t32
1
8
ns
SDIN Setup Time
t33
5
ns
SDIN Hold Time
t34
5
ns
External SCLK Period
t35
12.5
ns
External SCLK High
t36
5
ns
External SCLK Low
t37
5
ns
1 See the Conversion Control section.
2 All timings for wideband warp mode are the same as warp mode.
3 In warp mode only, the time between conversions is 1 ms; otherwise, there is no required maximum time.
4 See the Digital Interface, and RESET sections.
5 In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load CL of 10 pF; otherwise, the load is 60 pF maximum.
6 In serial master read during convert mode. See Table 4 for serial master read after convert mode timing specifications.
SERIAL CLOCK TIMING SPECIFICATIONS
Table 4. Serial Clock Timings in Master Read After Convert Mode
DIVSCLK[1]
0
0
1
1
DIVSCLK[0]
Symbol
0
1
0
1
Unit
SYNC to SCLK First Edge Delay Minimum
t18
0.5
3
3
3
ns
Internal SCLK Period Minimum
t19
8
16
32
64
ns
Internal SCLK Period Maximum
t19
12
25
50
100
ns
Internal SCLK High Minimum
t20
2
6
15
31
ns
Internal SCLK Low Minimum
t21
3
7
16
32
ns
SDOUT Valid Setup Time Minimum
t22
1
5
5
5
ns
SDOUT Valid Hold Time Minimum
t23
0
0.5
10
28
ns
SCLK Last Edge to SYNC Delay Minimum
t24
0
0.5
9
26
ns
BUSY High Width Maximum (Wideband and Warp Modes)
t28
0.500
0.720
1.160
2.040
μs
BUSY High Width Maximum (Normal Mode)
t28
0.650
0.870
1.310
2.190
μs
BUSY High Width Maximum (Impulse Mode)
t28
0.780
1.000
1.440
2.320
μs
NOTE
IN SERIAL INTERFACE MODES, THE SYNC, SCLK AND
SDOUT ARE DEFINED WITH A MAXIMUM LOAD.
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
500
μAI
OL
500
μAI
OH
1.4V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, and SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
Figure 3. Voltage Reference Levels for Timing


Similar Part No. - EVAL-AD7621CB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7621CB2 AD-EVAL-AD7621CB2 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
More results

Similar Description - EVAL-AD7621CB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7622BSTZ AD-AD7622BSTZ Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7622 AD-AD7622 Datasheet
589Kb / 29P
   1.5 LSB INL, 2 MSPS PulSAR ADC
AD7621 AD-AD7621 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD7677 AD-AD7677_17 Datasheet
380Kb / 21P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
AD7677 AD-AD7677 Datasheet
322Kb / 20P
   16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com