Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1524E Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA1524E
Description  Regulating Pulse Width Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1524E Datasheet(HTML) 3 Page - Intersil Corporation

  CA1524E Datasheet HTML 1Page - Intersil Corporation CA1524E Datasheet HTML 2Page - Intersil Corporation CA1524E Datasheet HTML 3Page - Intersil Corporation CA1524E Datasheet HTML 4Page - Intersil Corporation CA1524E Datasheet HTML 5Page - Intersil Corporation CA1524E Datasheet HTML 6Page - Intersil Corporation CA1524E Datasheet HTML 7Page - Intersil Corporation CA1524E Datasheet HTML 8Page - Intersil Corporation CA1524E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Specifications CA1524, CA2524, CA3524
Absolute Maximum Ratings
Thermal Information
Input Voltage (Between VIN and GND Terminals). . . . . . . . . . . . 40V
Operating Voltage Range (VIN to GND) . . . . . . . . . . . . . . . . 8 to 40V
Output Current Each Output:
(Terminal 11, 12 or 13, 14) . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Output Current (Reference Regulator) . . . . . . . . . . . . . . . . . . . 50mA
Oscillator Charging Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Thermal Resistance
θ
JA
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . .
100oC/W
Device Dissipation
Up to TA = +25
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.25W
Above TA = +25
oC . . . . . . . . . . . . . . .Derate Linearly at 10mW/oC
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± in. (1.59mm ±0.79mm)
from case for 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TA = -55
0C to +125oC for CA1524, 0oC to +70oC for the CA2524 and CA3524; V+ = 20V and
f = 20kHz, Unless Otherwise Stated.
PARAMETER
TEST CONDITIONS
CA1524, CA2524
CA3524
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE SECTION
Output Voltage
4.8
5
5.2
4.6
5
5.4
V
Line Regulation
V+ = 8 to 40V
-
10
20
-
10
30
mV
Load Regulation
IL = 0 to 20mA
-
20
50
-
20
50
mV
Ripple Rejection
f = 120Hz, TA = 25
oC
-
66
-
-
66
-
db
Short Circuit Current Limit
VREF = 0, TA = 25
oC
-
100
-
-
100
-
mA
Temperature Stability
Over Operating Temperature
Range
-
0.3
1
-
0.3
1
%
Long Term Stability
TA = 25
oC
-
20
-
-
20
-
mV/khr
OSCILLATOR SECTION
Maximum Frequency
CT = 0.001µF, RT = 2KΩ
-
300
-
-
300
-
kHz
Initial Accuracy
RT and CT Constant
-
5
-
-
5
-
%
Voltage Stability
V+ = 8 to 40V, TA = 25
oC-
-
1
-
-
1
%
Temperature Stability
Over Operating Temperature
Range
--
2
-
-
2
%
Output Amplitude
Terminal 3, TA = 25
oC
-
3.5
-
-
3.5
-
V
Output Pulse Width (Pin 3)
CT = 0.01µF, TA = 25
oC
-
0.5
-
-
0.5
-
µs
Ramp Voltage Low (Note 1)
Pin 7
-
0.6
-
-
0.6
-
V
Ramp Voltage High (Note 1)
Pin 7
-
3.5
-
-
3.5
-
V
Capacitor Charging Current Range
Pin 7 (5-2 VBE)/RT
0.03
-
2
0.03
-
2
mA
Timing Resistance Range
Pin 6
1.8
-
120
1.8
-
120
k
Charging Capacitor Range
Pin 7
0.001
-
0.1
0.001
-
0.1
µF
Dead Time Expansion Capacitor on
Pin 3 (when a small osc. cap is used)
Pin 3
100
-
1000
100
-
1000
pF
ERROR AMPLIFIER SECTION
Input Offset Voltage
VCM = 2.5V
-
0.5
5
-
2
10
mV
Input Bias Current
VCM = 2.5V
-
1
10
-
1
10
µA
Open Loop Voltage Gain
72
80
-
60
80
-
dB
Common Mode Voltage
TA = 25
oC
1.8
-
3.4
1.8
-
3.4
V
Common Mode Rejection Ratio
TA = 25
oC
-
70
-
-
70
-
dB
Small Signal Bandwidth
AV = 0dB, TA = 25
oC
-
3
-
-
3
-
MHz


Similar Part No. - CA1524E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA15226 CREE-CA15226 Datasheet
1Mb / 27P
   Strada series
logo
Ledil, Inc.
CA15226 LEDIL-CA15226 Datasheet
2Mb / 10P
   Forward throw beam optimized for European tunnels
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
CA1523 INTERSIL-CA1523 Datasheet
176Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
logo
Ledil, Inc.
CA15230 LEDIL-CA15230 Datasheet
4Mb / 5P
   ~35째 medium beam
More results

Similar Description - CA1524E

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com