Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF08N50ZH Datasheet(PDF) 3 Page - ON Semiconductor

Part # NDF08N50ZH
Description  N-Channel Power MOSFET 500 V, 0.85
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF08N50ZH Datasheet(HTML) 3 Page - ON Semiconductor

  NDF08N50ZH Datasheet HTML 1Page - ON Semiconductor NDF08N50ZH Datasheet HTML 2Page - ON Semiconductor NDF08N50ZH Datasheet HTML 3Page - ON Semiconductor NDF08N50ZH Datasheet HTML 4Page - ON Semiconductor NDF08N50ZH Datasheet HTML 5Page - ON Semiconductor NDF08N50ZH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NDF08N50Z
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0.0
5.0
10.0
15.0
20.0
25.0
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
7.0 V
VGS = 10 V
6.5 V
6.0 V
5.5 V
5.0 V
8.0 V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
34
5678
9
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS = 25 V
TJ = 150°C
TJ = −55°C
TJ = 25°C
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate−to−Source
Voltage
ID = 3.6 A
TJ = 25°C
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10
TJ = 25°C
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain
Current and Gate Voltage
VGS = 10 V
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
−50
−25
0
25
50
75
100
125
150
ID = 3.6 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
0.90
0.95
1.00
1.05
1.10
1.15
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. BVDSS Variation with Temperature
ID = 1 mA


Similar Part No. - NDF08N50ZH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
logo
Inchange Semiconductor ...
NDF08N50Z ISC-NDF08N50Z Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF08N50ZG ONSEMI-NDF08N50ZG Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
More results

Similar Description - NDF08N50ZH

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF440C SSDI-SFF440C Datasheet
201Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF440 SSDI-SFF440 Datasheet
214Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
logo
ON Semiconductor
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
NDF05N50Z ONSEMI-NDF05N50Z Datasheet
166Kb / 9P
   N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
NDD03N50Z ONSEMI-NDD03N50Z Datasheet
124Kb / 8P
   N-Channel Power MOSFET 500 V, 3.3 
July, 2010 ??Rev. 0
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
logo
Unisonic Technologies
UF840 UTC-UF840_11 Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com