Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA803T Datasheet(PDF) 2 Page - NEC

Part No. UPA803T
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA803T Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
µPA803T
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 15 V, IE = 0
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
Collector to Emitter
VCE (sat)
hFE = 10, IC = 5 mA
0.5
V
Saturation Voltage
DC Current Gain
hFE
VCE = 5 V, IC = 5 mANote 1
60
200
Gain Bandwidth Product
fT
VCE = 5 V, IC = 5 mA, f = 1 GHz
3.0
5.5
GHz
Feed-back Capacitance
Cre
VCB = 5 V, IE = 0, f = 1 MHzNote 2
0.7
0.9
pF
Insertion Power Gain
|S21|2
VCE = 5 V, IC = 5 mA, f = 1 GHz
5
dB
hFE Ratio
hFE1/hFE2
VCE = 5 V, IC = 5 mA
0.85
A smaller value among
hFE of hFE1 = Q1, Q2
A larger value among
hFE of hFE2 = Q1, Q2
Notes 1. Pulse Measurement: Pw
≤ 350
µs, Duty cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
FB
GB
Marking
T73
T74
hFE Value
60 to 120
100 to 200
TYPICAL CHARACTERISTICS (TA = 25
°C)
50
100
150
50
0
120 mW
160 mW
100
150
0
VCE = 5 V
8
16
24
0.2
0.4
0.6
0.8
1.0
IC - VBE Characteristics
Base to Emitter Voltage VBE (V)
PT - TA Characteristics
Ambient Temperature TA (°C)
Free Air
Per
Element


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn