Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA803T Datasheet(PDF) 6 Page - NEC

Part No. UPA803T
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA803T Datasheet(HTML) 6 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
µPA803T
6
S-PARAMETERS
VCE = 3 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.920
–14.3
5.495
160.8
.028
77.6
.962
–11.3
200.00
.860
–28.2
5.327
146.5
.051
69.7
.886
–20.5
300.00
.774
–41.7
5.129
134.7
.069
63.1
.802
–27.2
400.00
.689
–54.1
4.838
124.8
.083
58.5
.731
–32.1
500.00
.600
–66.2
4.584
115.6
.094
55.3
.669
–35.5
600.00
.530
–75.7
4.162
107.8
.103
53.2
.623
–38.2
700.00
.456
–85.4
3.873
100.4
.112
52.1
.585
–40.3
800.00
.402
–94.0
3.577
94.1
.120
51.3
.556
–42.2
900.00
.354
–101.9
3.323
88.6
.129
50.4
.533
–43.9
1000.00
.317
–109.3
3.082
83.5
.136
50.3
.513
–45.3
1100.00
.286
–116.4
2.865
79.2
.144
50.2
.500
–47.0
1200.00
.261
–123.8
2.687
74.9
.152
49.6
.491
–48.5
1300.00
.241
–130.3
2.518
71.0
.160
49.6
.480
–49.9
1400.00
.228
–137.6
2.381
67.2
.168
49.0
.471
–51.3
1500.00
.214
–144.5
2.255
64.0
.177
48.5
.464
–52.5
1600.00
.205
–151.3
2.144
60.6
.185
48.2
.458
–54.1
1700.00
.198
–157.9
2.045
57.3
.194
47.6
.451
–55.6
1800.00
.192
–163.9
1.956
54.3
.202
47.1
.444
–57.1
1900.00
.188
–170.5
1.873
51.3
.210
46.6
.437
–58.8
2000.00
.187
–177.6
1.802
48.4
.219
46.2
.429
–60.9
2100.00
.187
176.7
1.738
45.8
.227
45.4
.421
–62.8
2200.00
.187
171.2
1.675
43.0
.236
44.4
.416
–65.2
2300.00
.189
165.7
1.626
40.3
.245
43.6
.408
–67.4
2400.00
.191
160.8
1.574
37.7
.253
42.9
.402
–70.4
2500.00
.195
155.9
1.531
35.2
.263
42.1
.397
–73.7
2600.00
.197
151.5
1.486
32.7
.272
41.1
.395
–76.8
2700.00
.202
147.3
1.449
30.3
.279
40.3
.392
–80.3
2800.00
.205
143.1
1.413
27.8
.288
39.2
.391
–83.6
2900.00
.209
139.4
1.379
25.6
.297
38.2
.392
–86.8
3000.00
.214
135.5
1.350
23.3
.305
37.5
.394
–90.1
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.973
–9.2
1.928
166.5
.029
82.1
.990
–6.3
200.00
.954
–18.7
1.948
155.8
.057
74.4
.967
–12.2
300.00
.918
–28.1
1.975
145.9
.080
68.1
.935
–17.6
400.00
.878
–36.9
1.954
137.0
.102
62.2
.901
–22.5
500.00
.831
–46.1
1.948
129.2
.120
56.9
.860
–26.9
600.00
.785
–54.0
1.838
121.4
.134
52.4
.827
–30.9
700.00
.733
–62.3
1.808
113.9
.145
49.0
.794
–34.5
800.00
.684
–70.4
1.758
106.9
.156
45.3
.764
–37.6
900.00
.634
–77.9
1.717
100.5
.163
42.9
.734
–40.5
1000.00
.586
–85.8
1.689
94.2
.169
40.8
.711
–43.0
1100.00
.539
–93.2
1.649
88.5
.175
38.7
.693
–45.3
1200.00
.495
–100.5
1.607
83.0
.179
37.4
.677
–47.5
1300.00
.464
–107.2
1.549
78.1
.184
36.1
.661
–49.5
1400.00
.433
–114.0
1.449
73.3
.188
35.2
.649
–51.5
1500.00
.406
–120.4
1.440
69.1
.191
34.8
.639
–53.3
1600.00
.383
–126.8
1.396
64.9
.195
34.5
.627
–55.2
1700.00
.363
–133.3
1.359
60.7
.198
33.9
.619
–57.2
1800.00
.346
–139.4
1.310
57.0
.203
33.8
.609
–59.1
1900.00
.331
–145.4
1.273
53.4
.206
33.7
.601
–61.0
2000.00
.318
–152.2
1.242
49.9
.210
33.5
.591
–63.4
2100.00
.308
–158.4
1.206
46.6
.215
33.7
.582
–65.5
2200.00
.300
–164.1
1.169
43.3
.220
33.3
.576
–68.1
2300.00
.294
–170.1
1.148
40.3
.224
33.3
.568
–70.6
2400.00
.290
–175.5
1.112
37.4
.229
33.3
.563
–73.7
2500.00
.288
178.7
1.091
34.6
.235
33.1
.558
–76.9
2600.00
.286
173.3
1.064
31.9
.241
33.2
.554
–80.2
2700.00
.284
168.1
1.042
29.2
.247
32.9
.551
–83.5
2800.00
.284
162.9
1.015
26.5
.253
33.1
.551
–86.9
2900.00
.285
158.3
.997
24.2
.259
32.8
.552
–90.2
3000.00
.286
153.5
.977
21.8
.265
33.2
.552
–98.4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn