Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA803T Datasheet(PDF) 5 Page - NEC

Part No. UPA803T
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA803T Datasheet(HTML) 5 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
µPA803T
5
S-PARAMETERS
VCE = 5 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.974
–8.7
1.934
166.8
.026
83.1
.993
–5.8
200.00
.957
–18.0
1.952
156.5
.051
76.3
.970
–11.2
300.00
.922
–27.1
1.975
146.8
.073
69.1
.941
–16.4
400.00
.882
–35.5
1.960
138.2
.092
63.4
.911
–20.8
500.00
.837
–44.3
1.956
130.5
.108
58.5
.874
–24.9
600.00
.793
–52.1
1.846
122.9
.123
54.3
.844
–28.6
700.00
.741
–60.0
1.815
115.4
.133
50.5
.812
–32.0
800.00
.693
–67.7
1.768
108.5
.142
47.2
.785
–34.9
900.00
.645
–75.0
1.726
102.2
.148
44.9
.757
–37.7
1000.00
.596
–82.7
1.706
96.0
.155
42.6
.735
–40.1
1100.00
.547
–90.0
1.668
90.3
.160
40.8
.716
–42.3
1200.00
.504
–97.0
1.625
84.9
.166
39.7
.704
–44.6
1300.00
.470
–103.2
1.568
79.9
.170
38.8
.690
–46.6
1400.00
.438
–109.9
1.523
75.1
.174
37.9
.680
–48.4
1500.00
.410
–116.0
1.461
70.9
.178
37.2
.669
–50.1
1600.00
.386
–122.2
1.421
66.6
.180
36.9
.660
–52.0
1700.00
.362
–128.5
1.376
62.5
.184
36.6
.651
–53.8
1800.00
.344
–134.4
1.331
58.9
.189
36.3
.643
–55.7
1900.00
.329
–140.3
1.293
55.2
.193
36.5
.635
–57.7
2000.00
.312
–147.2
1.261
51.8
.198
36.3
.626
–59.7
2100.00
.302
–153.2
1.225
48.5
.201
36.5
.618
–61.8
2200.00
.293
–158.9
1.189
45.2
.206
36.4
.613
–64.3
2300.00
.285
–165.1
1.166
42.2
.211
36.6
.605
–66.7
2400.00
.280
–170.8
1.129
39.2
.217
36.4
.600
–69.6
2500.00
.276
–176.5
1.107
36.4
.222
36.4
.594
–72.6
2600.00
.272
177.7
1.078
33.6
.228
36.7
.591
–75.9
2700.00
.271
172.4
1.055
30.9
.233
36.4
.588
–79.1
2800.00
.270
167.1
1.030
28.3
.241
36.4
.589
–82.4
2900.00
.270
162.1
1.012
26.0
.247
36.4
.588
–85.6
3000.00
.271
157.0
.989
23.6
.253
36.4
.588
–88.6
VCE = 3 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.879
–17.8
8.523
155.5
.027
75.6
.932
–15.0
200.00
.768
–36.6
8.074
139.8
.047
66.8
.812
–25.5
300.00
.646
–53.1
7.436
126.6
.061
61.3
.704
–31.5
400.00
.536
–67.3
6.691
115.7
.073
58.7
.627
–35.1
500.00
.442
–80.0
5.987
106.5
.082
57.5
.568
–37.3
600.00
.375
–89.5
5.261
99.5
.092
56.7
.528
–39.0
700.00
.319
–98.7
4.707
93.2
.101
56.9
.496
–40.3
800.00
.279
–106.9
4.239
87.9
.110
56.5
.475
–41.7
900.00
.247
–114.8
3.852
83.3
.120
56.0
.456
–42.8
1000.00
.222
–122.5
3.526
79.1
.129
55.4
.443
–44.2
1100.00
.203
–130.1
3.239
75.1
.139
55.6
.434
–45.6
1200.00
.189
–137.5
3.013
71.5
.148
55.0
.427
–47.0
1300.00
.178
–144.8
2.814
68.2
.157
54.6
.419
–48.3
1400.00
.170
–152.1
2.641
64.8
.167
54.2
.415
–49.7
1500.00
.163
–159.6
2.498
62.0
.177
53.4
.408
–51.0
1600.00
.160
–166.3
2.366
58.8
.187
52.5
.403
–52.4
1700.00
.159
–173.0
2.245
55.9
.196
51.8
.398
–54.0
1800.00
.156
–178.7
2.145
52.9
.205
51.3
.392
–55.4
1900.00
.157
175.0
2.051
50.5
.215
50.4
.385
–57.0
2000.00
.161
168.3
1.974
47.7
.224
49.5
.378
–59.0
2100.00
.164
163.1
1.903
45.1
.234
48.8
.370
–60.7
2200.00
.166
158.3
1.828
42.6
.244
47.5
.364
–63.4
2300.00
.170
153.3
1.771
40.1
.253
46.4
.359
–65.7
2400.00
.173
149.2
1.714
37.6
.262
45.5
.353
–68.6
2500.00
.179
145.1
1.664
35.2
.272
44.5
.347
–71.8
2600.00
.183
141.2
1.613
32.9
.282
43.3
.345
–75.2
2700.00
.189
137.8
1.573
30.5
.291
42.2
.340
–78.6
2800.00
.193
133.9
1.530
28.2
.300
40.9
.342
–82.2
2900.00
.199
130.8
1.494
26.0
.309
39.8
.342
–85.6
3000.00
.205
127.5
1.462
23.9
.316
38.7
.343
–88.8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn