Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA302C104GAR Datasheet(PDF) 2 Page - AVX Corporation

Part # SA302C104GAR
Description  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA302C104GAR Datasheet(HTML) 2 Page - AVX Corporation

  SA302C104GAR Datasheet HTML 1Page - AVX Corporation SA302C104GAR Datasheet HTML 2Page - AVX Corporation SA302C104GAR Datasheet HTML 3Page - AVX Corporation SA302C104GAR Datasheet HTML 4Page - AVX Corporation SA302C104GAR Datasheet HTML 5Page - AVX Corporation SA302C104GAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
38
Axial Leads/SpinGuard®
C0G (NP0) Dielectric
Dimensions: Millimeters (Inches)
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*“C&D” Tolerance Only
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
200
100
200
100
50
100
50
100
50
100
50
100
50
1.0*
SA102A1R0DAR
++
9.1*
SA102A9R1DAR
10
SA102A100JAR
12
SA102A120JAR
15
SA102A150JAR
18
SA102A180JAR
22
SA102A220JAR
27
SA102A270JAR
33
SA102A330JAR
39
SA102A390JAR
47
SA102A470JAR
56
SA102A560JAR
68
SA102A680JAR
82
SA102A820JAR
100
SA102A101JAR
120
SA102A121JAR
150
SA101A151JAR
180
SA101A181JAR
220
SA101A221JAR
270
SA101A271JAR
330
SA101A331JAR
390
SA101A391JAR
470
SA101A471JAR
560
SA101A561JAR
680
SA101A681JAR
820
SA101A821JAR
1000
SA105A102JAR
1200
SA201A122JAR
1500
SA201A152JAR
1800
SA205A182JAR
2200
SA301A222JAR
2700
SA301A272JAR
3300
SA301A332JAR
3900
SA301A392JAR
4700
SA305A472JAR
5600
SA401A562JAR
6800
SA401A682JAR
8200
SA405A822JAR
10,000
SA405A103JAR
12,000
SA405A123JAR
SIZE AND CAPACITANCE SPECIFICATIONS


Similar Part No. - SA302C104GAR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA302C104GAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com