Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7528 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7528
Description  CMOS Dual 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7528 Datasheet(HTML) 4 Page - Analog Devices

  AD7528_15 Datasheet HTML 1Page - Analog Devices AD7528_15 Datasheet HTML 2Page - Analog Devices AD7528_15 Datasheet HTML 3Page - Analog Devices AD7528_15 Datasheet HTML 4Page - Analog Devices AD7528_15 Datasheet HTML 5Page - Analog Devices AD7528_15 Datasheet HTML 6Page - Analog Devices AD7528_15 Datasheet HTML 7Page - Analog Devices AD7528_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7528
REV. B
–4–
INTERFACE LOGIC INFORMATION
DAC Selection:
Both DAC latches share a common 8-bit input port. The con-
trol input
DAC A/DAC B selects which DAC can accept data
from the input port.
Mode Selection:
Inputs
CS and WR control the operating mode of the selected
DAC. See Mode Selection Table below.
Write Mode:
When
CS and WR are both low the selected DAC is in the write
mode. The input data latches of the selected DAC are transpar-
ent and its analog output responds to activity on DB0–DB7.
Hold Mode:
The selected DAC latch retains the data which was present on
DB0–DB7 just prior to
CS or WR assuming a high state. Both
analog outputs remain at the values corresponding to the data in
their respective latches.
Mode Selection Table
DAC A/DAC B
CS
WR
DAC A
DAC B
L
L
L
WRITE
HOLD
H
L
L
HOLD
WRITE
X
H
X
HOLD
HOLD
X
X
H
HOLD
HOLD
L = Low State; H = High State; X = Don’t Care.
WRITE CYCLE TIMING DIAGRAM
VDD
tDH
VIH
VIL
tDS
tWR
tAS
tAH
tCS
tCH
VDD
VDD
VDD
0
0
0
0
CHIP SELECT
DAC A/DAC B
WRITE
DATA IN
(DB0 – DB7)
DATA IN STABLE
NOTES:
1. ALL INPUT SIGNAL RISE AND FALL TIMES MEASURED
FROM 10% TO 90% OF VDD.
VDD = +5V, tr = tf = 20ns;
VDD = +15V, tr = tf = 40ns;
2. TIMING MEASUREMENT REFERENCE LEVEL IS
VIH + VIL
2
CIRCUIT INFORMATION—D/A SECTION
The AD7528 contains two identical 8-bit multiplying D/A con-
verters, DAC A and DAC B. Each DAC consists of a highly
stable thin film R-2R ladder and eight N-channel current steer-
ing switches. A simplified D/A circuit for DAC A is shown in
VREF A
AGND
DAC A DATA LATCHES
AND DRIVERS
2R
S1
2R
S2
2R
S3
2R
S8
2R
R
R
R
OUT A
RFB A
R
Figure 1. Simplified Functional Circuit for DAC A
Figure 1. An inverted R-2R ladder structure is used, that is, bi-
nary weighted currents are switched between the DAC output
and AGND thus maintaining fixed currents in each ladder leg
independent of switch state.
EQUIVALENT CIRCUIT ANALYSIS
Figure 2 shows an approximate equivalent circuit for one of the
AD7528’s D/A converters, in this case DAC A. A similar
equivalent circuit can be drawn for DAC B. Note that AGND
(Pin 1) is common for both DAC A and DAC B.
The current source ILEAKAGE is composed of surface and junc-
tion leakages and, as with most semiconductor devices, approxi-
mately doubles every 10
°C. The resistor R
O as shown in Figure
2 is the equivalent output resistance of the device which varies
with input code (excluding all 0s code) from 0.8 R to 2 R. R is
typically 11 k
Ω. C
OUT is the capacitance due to the N-channel
switches and varies from about 50 pF to 120 pF depending
upon the digital input. g(VREF A, N) is the Thevenin equivalent
voltage generator due to the reference input voltage VREF A and
the transfer function of the R-2R ladder.
RFB A
AGND
OUT A
RO
g(VREF A, N)
ILKG
COUT
R
Figure 2. Equivalent Analog Output Circuit of DAC A
CIRCUIT INFORMATION–DIGITAL SECTION
The input buffers are simple CMOS inverters designed such
that when the AD7528 is operated with VDD = 5 V, the buffer
converts TTL input levels (2.4 V and 0.8 V) into CMOS logic
levels. When VIN is in the region of 2.0 volts to 3.5 volts the
input buffers operate in their linear region and pass a quiescent
current, see Figure 3. To minimize power supply currents it is
recommended that the digital input voltages be as close to the
supply rails (VDD and DGND) as is practically possible.
The AD7528 may be operated with any supply voltage in the
range 5
≤ V
DD
≤ 15 volts. With V
DD = +15 V the input logic
levels are CMOS compatible only, i.e., 1.5 V and 13.5 V.
VIN – Volts
800
0
1
2
3
4
5
6
7
8
9
10
11
13
14
12
700
600
500
400
300
200
100
9
8
7
6
5
4
3
2
1
VDD = +5V
VDD = +15V
TA = +25 C
ALL DIGITAL INPUTS
TIED TOGETHER
Figure 3. Typical Plots of Supply Current, IDD vs. Logic
Input Voltage VIN, for VDD = +5 V and +15 V


Similar Part No. - AD7528_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528AQ AD-AD7528AQ Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528AQ AD-AD7528AQ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528AQ AD-AD7528AQ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528AQ AD-AD7528AQ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528AQ AD-AD7528AQ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results

Similar Description - AD7528_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com