Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7520UD Datasheet(PDF) 3 Page - Intersil Corporation

Part # AD7520UD
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520UD Datasheet(HTML) 3 Page - Intersil Corporation

  AD7520UD Datasheet HTML 1Page - Intersil Corporation AD7520UD Datasheet HTML 2Page - Intersil Corporation AD7520UD Datasheet HTML 3Page - Intersil Corporation AD7520UD Datasheet HTML 4Page - Intersil Corporation AD7520UD Datasheet HTML 5Page - Intersil Corporation AD7520UD Datasheet HTML 6Page - Intersil Corporation AD7520UD Datasheet HTML 7Page - Intersil Corporation AD7520UD Datasheet HTML 8Page - Intersil Corporation AD7520UD Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
10-9
Functional Diagram
NOTES:
Switches shown for Digital Inputs “High”.
Resistor values are typical.
Output Noise
Both Outputs
(Note 4) (Figure 4)
-
Equivalent
to 10k
-
-
Equivalent
to 10k
-
Johnson
Noise
DIGITAL INPUTS
Low State Threshold, VIL
Over the Specified
Temperature Range
VIN = 0V or +15V
-
-
0.8
-
-
0.8
V
High State Threshold, VIH
2.4
-
-
2.4
-
-
V
Input Current, IIL, IIH
--
±1-
-
±1
µA
Input Coding
See Tables 1 and 2
Binary/Offset Binary
POWER SUPPLY CHARACTERISTICS
Power Supply Rejection
V+ = 14.5V to 15.5V
(Note 3) (Figure 3)
-
±0.005
-
-
±0.005
-
% FSR/
%
∆V+
Power Supply Voltage Range
+5 to +15
+5 to +15
V
I+
All Digital Inputs at 0V or V+
Excluding Ladder Network
-
±1-
-
±1-
µA
All Digital Inputs High or Low
Excluding Ladder Network
--
2
-
-
2
mA
Total Power Dissipation
Including the Ladder Network
-
20
-
-
20
-
mW
NOTES:
2. Full scale range (FSR) is 10V for Unipolar and
±10V for Bipolar modes.
3. Using internal feedback resistor RFEEDBACK.
4. Guaranteed by design, or characterization and not production tested.
5. Accuracy not guaranteed unless outputs at GND potential.
6. Accuracy is tested and guaranteed at V+ = 15V only.
Electrical Specifications
V+ = +15V, VREF = +10V, TA = 25
oC Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
AD7520/AD7530
AD7521/AD7531
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
20k
GND
IOUT2
IOUT1
RFEEDBACK
BIT 3
BIT 2
MSB
VREF
20k
20k
20k
20k
20k
10k
10k
10k
10k
SPDT NMOS
SWITCHES
10k
AD7520, AD7530, AD7521, AD7531


Similar Part No. - AD7520UD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7520UD AD-AD7520UD Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520UD INTERSIL-AD7520UD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - AD7520UD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com