Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7520SD Datasheet(PDF) 5 Page - Intersil Corporation

Part # AD7520SD
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520SD Datasheet(HTML) 5 Page - Intersil Corporation

  AD7520SD Datasheet HTML 1Page - Intersil Corporation AD7520SD Datasheet HTML 2Page - Intersil Corporation AD7520SD Datasheet HTML 3Page - Intersil Corporation AD7520SD Datasheet HTML 4Page - Intersil Corporation AD7520SD Datasheet HTML 5Page - Intersil Corporation AD7520SD Datasheet HTML 6Page - Intersil Corporation AD7520SD Datasheet HTML 7Page - Intersil Corporation AD7520SD Datasheet HTML 8Page - Intersil Corporation AD7520SD Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
10-11
Test Circuits The following test circuits apply for the AD7520. Similar circuits are used for the AD7530, AD7521 and AD7531.
FIGURE 2. NONLINEARITY
FIGURE 3. POWER SUPPLY REJECTION
FIGURE 4. NOISE
FIGURE 5. OUTPUT CAPACITANCE
FIGURE 6. FEEDTHROUGH ERROR
FIGURE 7. OUTPUT CURRENT SETTLING TIME
10-BIT
BINARY
COUNTER
GND
15
16
1
5
4
13 32
AD7520
BIT 1
(MSB)
BIT 10
(LSB)
LINEARITY
ERROR
X 100
RFEEDBACK
IOUT1
IOUT2
HA2600
-
+
VREF
BIT 1
(LSB)
BIT 10
BIT 11
BIT 12
10k
Ω 0.01%
1M
10k
0.01%
CLOCK
+15V
VREF
HA2600
-
+
12-BIT
REFERENCE
DAC
15
16
1
5
4
13 32
AD7520
BIT 1
(MSB)
BIT 10
(LSB)
HA2600
-
+
HA2600
-
+
500k
UNGROUNDED
SINE WAVE
GENERATOR
400Hz 1VP-P
5k
Ω 0.01%
5K 0.01%
RFEEDBACK
+15V
+10V
VREF
IOUT1
IOUT2
14
GND
15
2
5
4
13 3 1
AD7520
101ALN
-
+
0.1
µF
IOUT1
IOUT2
14
10k
VOUT
100
15
µF
1K
+15V
50k
1k
50V
f = 1kHz
BW = 1Hz
QUAN
TECH
MODEL 134D
WAVE
ANALYZER
+11V (ADJUST FOR VOUT = 0V)
15
16
1
5
4
13 3
2
AD7520
BIT 1 (MSB)
BIT 10 (LSB)
14
+15V
NC
SCOPE
100mVP-P
1MHz
NC
1k
+15V
15
16
1
5
4
13 3
2
AD7520
BIT 1 (MSB)
BIT 10 (LSB)
14
+15V
VREF = 20VP-P
GND
IOUT1
IOUT2
2
3
6
VOUT
100kHz SINE WAVE
HA2600
-
+
15
1
5
4
13 3
2
AD7520
BIT 1 (MSB)
BIT 10 (LSB)
14
+15V
SCOPE
+100mV
100
GND
VREF
DIGITAL
IOUT2
EXTRAPOLATE
5t: 1% SETTLING (1mV)
8t: 0.03% SETTLING
t = RISE TIME
INPUT
+5V
0V
-10V
AD7520, AD7530, AD7521, AD7531


Similar Part No. - AD7520SD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7520SD AD-AD7520SD Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520SD INTERSIL-AD7520SD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - AD7520SD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com