Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6171 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part No. P6171
Description  Supports panel mount, wall mount, rack mount and VESA arm
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

P6171 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
536
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty Fanless
Touch Panel
Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2014 Axiomtek Co., Ltd. All rights reserved.
Specifications
Input Signal
DVI-D
DisplayPort
HDMI
Touchscreen: Serial RS-232 or USB interface
I/O Connectors
1 x RS-232 or USB for touchscreen version
1 x DVI-D
1 x DisplayPort
1 x HDMI
1 x Screw-type DC power input
Power Adapter
Screw-type external AC / DC power adapter
Touchscreen
Thickness
Resistive: 3.2 mm
Light Transmission
Resistive: 80%
Power Consumption Resistive: +5V @ 100mA
Touch Life
Resistive: 35million touches
Controller interface: RS-232 D-type
9pin male connector or USB
Dimensions
410.31 mm (16.15") (L) x 28 mm (1.10") (H)
x 38.31 mm (13.32") (W)
Packing Dimensions
510 mm (20.08") (L) x 532 mm (20.94") (H)
x 186 mm (7.32") (W)
Weight (net/gross)
3.8 kg (8.38 lb)/ 6.56 kg (14.46 lb)
Environment
Operating temperature: 0° ~ +50°C (+32°F ~ +122°F)
Storage temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20%~90%@40°C, non-condensing
Certification
CE
Ordering Information
Dimensions
AC Power
Resistive (RS-232)
P6171DPR-AC-RS-US-EU
Resistive (USB)
P6171DPR-AC-U-US-EU
Glass
P6171DPG-AC-US-EU
12V/24VDC Power
Resistive (RS-232)
P6171DPR-DC-RS
Resistive (USB)
P6171DPR-DC-U
Glass
P6171DPG-DC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn