Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6171 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. P6171
Description  Supports panel mount, wall mount, rack mount and VESA arm
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

P6171 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
535
P6171
17" TFT Industrial LCD Monitor
17" TFT SXGA LED backlight LCD
NEMA 4/12 (IP65)- compliant panel mounting flat panel
monitor
Supports panel mount, wall mount, rack mount and VESA arm
Resistive touchscreen
Supports full range screw-type (locked) AC-in or 12V/24V
DC-in (option)
Supports multi-signal inputs: DVI-D, DisplayPort and HDMI
Introduction
Specifications
The P6171 is an ultra slim industrial LCD monitor, which adopts 17-inch 350 nits SXGA
LED backlight LCD display and supports multi-signal interfaces including DVI, DisplayPort
and HDMI. Featuring NEMA 4/12 & IP65 compliant front bezel, screw-type adaptor
plug design, and 12/24V DC-In means it is fit for all kinds of industrial environments.
Moreover, the P6171 supports panel, wall, rack or VESA FPMPMI (Video Electronics
Standards Association Flat Panel Monitor Physical Mounting Interface) mounting.
With the compact mechanism design, users can enjoy free from space constraint. It is
especially suitable for POI/POS, excellent HMI and all kinds of heavy-duty industrial
fields.
Front Bezel
NEMA 4/12 (IP65)-compliant, metal front bezel
Mounting
Panel mount, wall mount, rack mount or VESA
FPMPMI mounting (video electronics standards association
Flat Panel monitor physical mounting interface)
LCD Panel
Display
17" TFT SXGA LED
Max. Resolution
1280 x 1024
Max. Colors
16.7M
Active Area (mm)
337.92 x 270.33
Pixel Pitch (mm)
0.264 x 0.264
Response Time
5ms
Backlight
LED backlight
Backlight MTBF
30,000 hrs
Viewing Angle (H/V) 170°/160°
Contrast Ratio
1000 (TYP.)
Brightness (cd/m
2)
350 nits
Display Control
OSD (on screen display)
Display Mode
VGA 640 x 350 (70Hz), VGA 640 x 480 (60/72/75Hz),
VGA 720 x 400 (70Hz), SVGA 800 x 600 (60/72/75Hz),
XGA 1024 x 768 (60/72/75Hz),
SXGA 1280 x 1024 (60/72/75Hz)
Features
NEW
1. Menu
2. SEL+
3. SEL-
4. Exit
5. Power LED
6. Power Switch
1
3
5
2
4
6
Ultra-slim mechanism design
7. RS-232 or USB for Touch
8. DVI-D
9. HDMI
10. DisplayPort
11. Screw type or
Phoenix type power input
7
8
9 10
11


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn