Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA802T Datasheet(PDF) 2 Page - NEC

Part No. UPA802T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA802T Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
µPA802T
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 10 V, IE = 0
0.8
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
0.8
µA
DC Current Gain
hFE
VCE = 3 V, IC = 7 mANote 1
70
240
Gain Bandwidth Product
fT
VCE = 3 V, IC = 7 mA, f = 1 GHz
4.5
7.0
GHz
Feed-back Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.9
pF
Insertion Power Gain
|S21|2
VCE = 3 V, IC = 7 mA, f = 1 GHz
10
12
dB
Noise Figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
1.4
1.7
dB
hFE Ratio
hFE1/hFE2
VCE = 3 V, IC = 7 mA
0.85
A smaller value among
hFE of hFE1 = Q1, Q2
A larger value among
hFE of hFE2 = Q1, Q2
Notes 1. Pulse Measurement: Pw
≤ 350
µs, Duty cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
FB
GB
Marking
R34
R35
hFE Value
70 to 150
110 to 240
TYPICAL CHARACTERISTICS (TA = 25
°C)
5
0
10
0.5
0.5
1.0
10
15
20
0
0.5
1.0
10
20
1
5
10
50
20
50
100
200
VCE = 3 V
VCE = 3 V
25
PT - TA Characteristics
100
0
50
100
150
200
Ambient Temperature TA (°C)
Free Air
2 Elements
in
Total
Per
Element
Base to Emitter Voltage VBE (V)
IC - VBE Characteristics
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
hFE - IC Characteristics
IC - VCE Characteristics
160
A
µ
140
A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
IB = 20 A
µ


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn