Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA802T Datasheet(PDF) 5 Page - NEC

Part No. UPA802T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA802T Datasheet(HTML) 5 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
µPA802T
5
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
1.009
–14.5
3.544
168.8
.027
78.6
.994
–5.6
200.0000
.955
–29.7
3.359
156.3
.055
73.6
.969
–10.1
300.0000
.937
–42.6
3.277
147.1
.073
63.4
.947
–15.9
400.0000
.864
–56.2
3.034
136.6
.091
57.7
.898
–18.8
500.0000
.838
–67.3
2.891
128.6
.107
51.1
.865
–22.1
600.0000
.775
–79.3
2.674
120.0
.116
46.6
.824
–25.8
700.0000
.745
–88.5
2.485
114.2
.125
45.2
.803
–27.5
800.0000
.708
–99.1
2.338
106.8
.127
41.2
.776
–29.7
900.0000
.670
–107.9
2.177
101.4
.132
40.2
.740
–31.5
1000.0000
.649
–116.8
2.052
96.0
.135
37.2
.723
–33.7
1100.0000
.621
–124.0
1.914
90.8
.131
36.6
.719
–34.2
1200.0000
.608
–131.8
1.819
86.0
.129
35.4
.700
–36.3
1300.0000
.587
–138.5
1.713
82.4
.130
35.2
.691
–37.6
1400.0000
.587
–144.5
1.628
77.7
.128
36.1
.681
–39.2
1500.0000
.573
–152.6
1.533
73.4
.127
36.0
.662
–40.7
1600.0000
.559
–157.1
1.464
70.3
.124
37.5
.660
–42.7
1700.0000
.562
–164.2
1.421
67.2
.120
39.1
.658
–44.0
1800.0000
.557
–168.9
1.350
64.7
.122
43.3
.658
–46.0
1900.0000
.557
–173.9
1.296
61.1
.122
45.2
.641
–47.8
2000.0000
.551
–178.6
1.240
58.0
.124
48.5
.643
–50.1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn