Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA802T Datasheet(PDF) 4 Page - NEC

Part No. UPA802T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA802T Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA802T
4
S-PARAMETERS
VCE = 3 V, IC = 7 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
.804
–23.8
11.631
154.8
.023
74.8
.920
–16.5
200.000
.692
–48.6
10.839
137.5
.040
64.1
.791
–27.7
300.000
.581
–70.3
9.722
123.8
.050
59.9
.675
–33.5
400.000
.489
–89.0
8.519
112.9
.060
56.7
.597
–37.0
500.000
.419
–104.9
7.434
104.1
.067
55.9
.538
–38.7
600.000
.376
–117.1
6.468
97.5
.075
55.6
.497
–40.0
700.000
.342
–128.6
5.729
91.8
.082
55.7
.467
–41.0
800.000
.321
–138.4
5.115
86.7
.089
56.3
.443
–41.7
900.000
.305
–147.3
4.630
82.5
.096
56.1
.427
–42.5
1000.000
.296
–155.2
4.207
78.5
.104
56.4
.412
–43.6
1100.000
.289
–162.2
3.879
74.8
.111
56.0
.401
–44.6
1200.000
.284
–169.3
3.595
71.4
.119
56.4
.393
–45.8
1300.000
.282
–175.3
3.349
68.1
.127
56.2
.384
–47.3
1400.000
.281
179.0
3.133
64.8
.136
56.0
.379
–48.8
1500.000
.283
173.8
2.945
61.9
.143
55.4
.372
–50.1
1600.000
.283
168.6
2.780
58.8
.151
55.0
.367
–51.8
1700.000
.285
163.8
2.631
56.2
.160
54.4
.363
–53.7
1800.000
.286
159.9
2.514
53.3
.168
53.9
.359
–55.4
1900.000
.289
155.4
2.390
50.5
.177
53.3
.354
–57.3
2000.000
.293
151.8
2.293
47.8
.186
52.5
.351
–59.2
VCE = 3 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
.818
–29.4
14.580
156.2
.023
79.9
.932
–14.4
200.0000
.689
–54.3
12.120
137.5
.040
65.1
.824
–23.4
300.0000
.594
–73.1
10.142
124.6
.052
55.0
.716
–30.3
400.0000
.500
–89.8
8.340
114.4
.063
58.5
.620
–32.2
500.0000
.457
–102.8
7.300
107.5
.069
56.4
.577
–34.2
600.0000
.404
–115.0
6.211
101.0
.081
54.9
.525
–35.1
700.0000
.377
–124.4
5.496
96.8
.084
59.5
.511
–36.1
800.0000
.359
–134.3
4.908
91.4
.091
58.4
.471
–36.2
900.0000
.342
–141.5
4.450
88.1
.097
58.4
.458
–35.3
1000.0000
.335
–150.3
4.018
84.7
.100
61.2
.440
–36.5
1100.0000
.326
–155.9
3.750
81.4
.112
61.8
.442
–36.8
1200.0000
.321
–162.4
3.410
78.1
.115
61.4
.417
–37.8
1300.0000
.317
–167.2
3.181
75.6
.124
62.3
.412
–38.5
1400.0000
.321
–173.4
2.995
72.5
.131
63.9
.411
–39.9
1500.0000
.318
–177.5
2.802
69.8
.138
63.6
.407
–40.4
1600.0000
.320
176.6
2.665
67.3
.149
66.4
.400
–41.1
1700.0000
.323
173.2
2.533
66.1
.156
65.3
.394
–43.7
1800.0000
.326
167.8
2.369
63.0
.162
65.9
.394
–44.3
1900.0000
.331
165.6
2.275
61.0
.177
65.4
.390
–45.5
2000.0000
.333
161.4
2.196
59.2
.183
64.5
.384
–47.6
VCE = 3 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
.906
–22.7
9.710
161.6
.026
82.5
.962
–10.6
200.0000
.810
–43.7
8.541
145.3
.049
63.8
.895
–18.3
300.0000
.742
–60.6
7.695
133.4
.062
58.7
.811
–25.8
400.0000
.638
–76.6
6.580
122.4
.073
56.0
.732
–27.7
500.0000
.587
–89.8
5.934
114.1
.082
53.4
.680
–31.2
600.0000
.524
–102.2
5.148
107.1
.091
49.7
.624
–33.5
700.0000
.490
–111.4
4.627
102.2
.094
51.8
.603
–34.4
800.0000
.460
–121.4
4.181
96.0
.099
51.2
.568
–35.0
900.0000
.435
–129.9
3.827
92.6
.101
52.9
.540
–35.7
1000.0000
.427
–138.2
3.443
88.1
.107
50.9
.523
–36.7
1100.0000
.404
–144.9
3.199
84.2
.115
53.7
.512
–36.8
1200.0000
.399
–151.7
2.989
79.8
.113
56.6
.500
–38.6
1300.0000
.392
–157.9
2.779
77.4
.121
54.9
.489
–39.2
1400.0000
.392
–163.6
2.638
73.5
.126
56.4
.483
–40.4
1500.0000
.386
–169.1
2.443
71.3
.135
56.4
.477
–41.8
1600.0000
.380
–174.5
2.344
68.0
.137
60.0
.477
–42.4
1700.0000
.382
–179.7
2.239
65.3
.143
59.5
.466
–44.4
1800.0000
.389
176.1
2.113
63.0
.151
59.4
.461
–44.9
1900.0000
.383
172.5
2.025
61.4
.154
62.6
.456
–46.9
2000.0000
.387
168.3
1.922
58.2
.163
62.0
.464
–48.3


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn