Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA802T Datasheet(PDF) 3 Page - NEC

Part No. UPA802T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA802T Datasheet(HTML) 3 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
µPA802T
3
0
0.5
0
0.5
1
5
10
50
5
10
15
0.1
1.0
0.5
5.0
0
5
10
15
20
25
1.0
5.0
10
50
1
2
3
4
5
VCE = 3 V
f = 1 GHz
VCE = 3 V
IC = 7 mA
VCE = 3 V
f = 1 GHz
0.2
2.0
Collector Current IC (mA)
Frequency f (GHz)
Collector Current IC (mA)
l S21e l 2 - IC Characteristics
l S21e l 2 - f Characteristics
NF - IC Characteristics
0.1
1
0
0.5
2
5
10
20
50
0.2
0.5
1.0
2.0
5.0
1.0
5.0
10
50
2
4
6
8
10
f = 1 MHz
VCE = 3 V
f = 1 GHz
Cre - VCB Characteristics
Collector to Base Voltage VCB (V)
Collector Current IC (mA)
fr - IC Characteristics


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn