Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA300 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FSA300
Description  Flash SATA Disk /mSATA SATA 3 SLC,MLC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FSA300 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FSA300 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
FSA 300 Series
Flash SATA Disk /mSATA SATA 3 SLC,MLC
SATA III (6.0Gb/s) interface
Capacity: SLC 1 GB to 64 GB
MLC 4 GB to 128 GB
iSMART disk health monitoring
Intelligent error recovery system
Write protection security
Anti-vibration mechanical design
Excellent data transfer speed
Zero mechanical interference
JEDEC standard MO-300B dimension
Ordering Information
System
Introduction
Features
Axiomtek’s FSA mSATA series is designed as the standard Mini PCIe form factor with
SATA interface, and support SATA III standard (6.0Gb/s) with excellent performance. The
form factor refers to the MO-300 specification which established by JEDEC. Regarding
of mechanical interference, the mSATA absolutely replaces the traditional hard disk and
makes personal computer, in any field, smaller and easier.
The mSATA effectively reduced the booting time of operation system and the power
consumption is less than hard disk drive (HDD), and complies with ATA protocol, no
additional drives are required, and can be configured as a boot device or data storage
device.
SLC
MLC
mSATA /SLC(MLC)
General Specification
Capacity
SLC: 1 GB ~ 64 GB
MLC: 4 GB ~ 128 GB
Interface
SATA III 6.0Gbp/s
Connector
mSATA, 52P/Mini PCIe
Flash type
SLC/MLC
Form Factor
MO300A/MO300B
Data Transfer Rate
SLC: Read: 460 MB/sec (max.)
Write: 230 MB/sec (max.)
MLC: Read: 460 MB/sec (max.)
Write: 160 MB/sec (max.)
Environmental Specification
Operating Temperature
Standard Grade: 0˚C ~ +70˚C (32°F ~ 158°F)
Industrial Grade: -40˚C ~ +85˚C (-40 °F ~ 185°F)
Storage Temperature
-55˚C ~ +95˚C (-67°F ~ 203°F)
Humidity
10% ~ 95% non-condensing
Vibration
20 G (7~2000Hz)
Shock
1500G/0.5ms
System Reliability
ECC Technology
High reliability based on the internal ECC function
MTBF
>3,000,000 hours
Flash Endurance
SLC: 100,000 P/E Cycles
MLC: 3,000 P/E Cycles
Wear-leveling
Support
Power Requirment
DC Input Voltage
+3.3V/+5V single power supply operation
Idle Mode
SLC: 120mA (max.)
MLC: 95mA (max.)
Physical Specification
Dimensions
29.8 x 50.8 x 4.4 mm (W x L x H)
Models
(standard temp. SLC)
Models
(industrial temp. SLC)
Interface
Capacity
FSA001G300SC1T
FSA001G300SW1T
SATAIII 6.0G
1 GB
FSA002G300SC1T
FSA002G300SW1T
SATAIII 6.0G
2 GB
FSA004G300SC1T
FSA004G300SW1T
SATAIII 6.0G
4 GB
FSA008G300SC1T
FSA008G300SW1T
SATAIII 6.0G
8 GB
FSA016G300SC1T
FSA016G300SW1T
SATAIII 6.0G
16 GB
FSA032G300SC1T
FSA032G300SW1T
SATAIII 6.0G
32 GB
FSA064G300SC1T
FSA064G300SW1T
SATAIII 6.0G
64 GB
Models
(Standard temp. MLC)
Models
(industrial temp. MLC)
Interface
Capacity
FSA004G300MC1T
FSA004G300MW1T
SATAIII 6.0G
4 GB
FSA008G300MC1T
FSA008G300MW1T
SATAIII 6.0G
8 GB
FSA016G300MC1T
FSA016G300MW1T
SATAIII 6.0G
16 GB
FSA032G300MC1T
FSA032G300MW1T
SATAIII 6.0G
32 GB
FSA064G300MC1T
FSA064G300MW1T
SATAIII 6.0G
64 GB
FSA128G300MC1T
FSA128G300MW1T
SATAIII 6.0G
128 GB


Similar Part No. - FSA300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3000 FAIRCHILD-FSA3000 Datasheet
1Mb / 11P
   Two-Port, High-Speed, MHL??Switch
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
logo
Fairchild Semiconductor
FSA3000L10X FAIRCHILD-FSA3000L10X Datasheet
1Mb / 11P
   Two-Port, High-Speed, MHL??Switch
logo
ON Semiconductor
FSA3000L10X ONSEMI-FSA3000L10X Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
More results

Similar Description - FSA300

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
Advantech Co., Ltd.
SQF-SMS520 ADVANTECH-SQF-SMS520 Datasheet
569Kb / 1P
   SATA II (3.0Gb) mSATA
SQF-SMS640 ADVANTECH-SQF-SMS640 Datasheet
696Kb / 1P
   SATA III (6.0Gb) mSATA
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
Advantech Co., Ltd.
SQF-SMS-630 ADVANTECH-SQF-SMS-630 Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
logo
List of Unclassifed Man...
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com