Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT652ATPG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT652ATPG
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT652ATPG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT652ATPG Datasheet HTML 1Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 2Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 3Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 4Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 5Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 6Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 7Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 8Page - Integrated Device Technology IDT54FCT652ATPG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SEPTEMBER 1996
©1996 Integrated Device Technology, Inc.
6.20
DSC-2634/9
Integrated Device Technology, Inc.
1
FAST CMOS OCTAL
TRANSCEIVER/
REGISTERS (3-STATE)
FEATURES:
• Common features:
Low input and output leakage
≤1µA (max.)
Extended commercial range of –40
°C to +85°C
CMOS power levels
True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
Meets or exceeds JEDEC standard 18 specifications
Product available in Radiation Tolerant and Radiation
Enhanced versions
Military product compliant to MIL-STD-883, Class B
and DESC listed (dual marked)
Available in DIP, SOIC, SSOP, QSOP, TSSOP,
CERPACK and LCC packages
• Features for FCT646T/648T/652T:
Std., A, C and D speed grades
High drive outputs (-15mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
• Features for FCT2646T/2652T:
Std., A, and C speed grades
Resistor outputs
(-15mA IOH, 12mA IOL Com.)
(-12mA IOH, 12mA IOL Mil.)
Reduced system switching noise
DESCRIPTION:
The FCT646T/FCT2646T/FCT648T/FCT652T/2652T con-
sist of a bus transceiver with 3-state D-type flip-flops and
control circuitry arranged for multiplexed transmission of data
directly from the data bus or from the internal storage regis-
ters.
The FCT652T/FCT2652T utilize GAB and
GBA signals to
control the transceiver functions. The FCT646T/FCT2646T/
FCT648T utilize the enable control (
G) and direction (DIR)
pins to control the transceiver functions.
SAB and SBA control pins are provided to select either real-
time or stored data transfer. The circuitry used for select
control will eliminate the typical decoding glitch that occurs in
a multiplexer during the transition between stored and real-
time data. A LOW input level selects real-time data and a
HIGH selects stored data.
Data on the A or B data bus, or both, can be stored in the
internal D flip-flops by LOW-to-HIGH transitions at the appro-
priate clock pins (CPAB or CPBA), regardless of the select or
enable control pins.
The FCT26xxT have balanced drive outputs with current
limiting resistors. This offers low ground bounce, minimal
undershoot and controlled output fall times-reducing the need
for external series terminating resistors. FCT2xxxT parts are
plug-in replacements for FCTxxxT parts.
2634 drw 01
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDT54/74FCT646T/AT/CT/DT - 2646T/AT/CT
IDT54/74FCT648T/AT/CT
IDT54/74FCT652T/AT/CT/DT - 2652T/AT/CT
A1
G
DIR
CPBA
SBA
CPAB
SAB
GBA
GAB
1 OF 8 CHANNELS
B REG
A REG
B1
1D
C1
C1
1D
TO 7 OTHER CHANNELS
646/2646/652/2652
ONLY
646/2646/652/2652
ONLY
IDT54/74FCT652/2652
ONLY
IDT54/74FCT646/2646/648
ONLY
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IDT54FCT652ATPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT621AT IDT-IDT54FCT621AT Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT54FCT621ATD IDT-IDT54FCT621ATD Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT54FCT621ATDB IDT-IDT54FCT621ATDB Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT54FCT621ATE IDT-IDT54FCT621ATE Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
IDT54FCT621ATEB IDT-IDT54FCT621ATEB Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
More results

Similar Description - IDT54FCT652ATPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Texas Instruments
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com