Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ17A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMAJ17A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMAJ17A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMAJ17A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAJ17A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMAJ17A Datasheet HTML 3Page - List of Unclassifed Manufacturers SMAJ17A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMAJ5.0 thru SMAJ170CA
Document Number: SMAJ5.0 thru SMAJ170CA
www.smsemi.com
Feb.29,2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Part
Number
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
SMAJ5.0
SMAJ5.0A
SMAJ6.0
SMAJ6.0A
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
10
10
10
10
5.0
5.0
6.0
6.0
800
800
800
800
52.0
54.3
43.9
48.5
9.6
9.2
11.4
10.3
SMAJ6.5
SMAJ6.5A
SMAJ7.0
SMAJ7.0A
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
6.5
6.5
7.0
7.0
500
500
200
200
40.7
44.7
37.8
41.7
12.3
11.2
13.3
12.0
SMAJ7.5
SMAJ7.5A
SMAJ8.0
SMAJ8.0A
8.33
8.33
8.89
8.89
10.20
9.21
10.90
9.83
1
1
1
1
7.5
7.5
8.0
8.0
100
100
50
50
35.0
38.8
33.3
36.7
14.3
12.9
15.0
13.6
SMAJ8.5
SMAJ8.5A
SMAJ9.0
SMAJ9.0A
9.44
9.44
10.0
10.0
11.5
10.4
12.2
11.1
1
1
1
1
8.5
8.5
9.0
9.0
10
10
5
5
31.4
34.7
29.5
32.5
15.9
14.4
16.9
15.4
SMAJ10
SMAJ10A
SMAJ11
SMAJ11A
11.1
11.1
12.2
12.2
13.6
12.3
14.9
13.5
1
1
1
1
10.0
10.0
11.0
11.0
1
1
1
1
26.6
29.4
24.9
27.4
18.8
17.0
20.1
18.2
SMAJ12
SMAJ12A
SMAJ13
SMAJ13A
13.3
13.3
14.4
14.4
16.3
14.7
17.6
15.9
1
1
1
1
12.0
12.0
13.0
13.0
1
1
1
1
22.7
25.1
21.0
23.2
22.0
19.9
23.8
21.5
SMAJ14
SMAJ14A
SMAJ15
SMAJ15A
15.6
15.6
16.7
16.7
19.1
17.2
20.4
18.5
1
1
1
1
14.0
14.0
15.0
15.0
1
1
1
1
19.4
21.5
18.8
20.6
25.8
23.2
26.9
24.4
SMAJ16
SMAJ16A
SMAJ17
SMAJ17A
17.8
17.8
18.9
18.9
21.8
19.7
23.1
20.9
1
1
1
1
16.0
16.0
17.0
17.0
1
1
1
1
17.6
19.2
16.4
18.1
28.8
26.0
30.5
27.6
SMAJ18
SMAJ18A
SMAJ20
SMAJ20A
20.0
20.0
22.2
22.2
24.4
22.1
27.1
24.5
1
1
1
1
18.0
18.0
20.0
20.0
1
1
1
1
15.5
17.2
13.9
15.4
32.2
29.2
35.8
32.4
SMAJ22
SMAJ22A
SMAJ24
SMAJ24A
24.4
24.4
26.7
26.7
29.8
26.9
32.6
29.5
1
1
1
1
22.0
22.0
24.0
24.0
1
1
1
1
12.7
14.1
11.6
12.8
39.4
35.5
43.0
38.9
SMAJ26
SMAJ26A
SMAJ28
SMAJ28A
28.9
28.9
31.1
31.1
35.3
31.9
38.0
34.4
1
1
1
1
26.0
26.0
28.0
28.0
1
1
1
1
10.7
11.9
9.9
11.0
46.6
42.1
50.0
45.4
SMAJ30
SMAJ30A
SMAJ33
SMAJ33A
33.3
33.3
36.7
36.7
40.7
36.8
44.9
40.6
1
1
1
1
30.0
30.0
33.0
33.0
1
1
1
1
9.3
10.3
8.5
9.4
53.5
48.4
59.0
53.3
SMAJ36
SMAJ36A
SMAJ40
SMAJ40A
40.0
40.0
44.4
44.4
48.9
44.2
54.3
49.1
1
1
1
1
36.0
36.0
40.0
40.0
1
1
1
1
9.8
8.6
7.0
7.8
64.3
58.1
71.4
64.5
打印无效


Similar Part No. - SMAJ17A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ17A CYSTEKEC-SMAJ17A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SMAJ17A LEIDITECH-SMAJ17A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Littelfuse
SMAJ17A LITTELFUSE-SMAJ17A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ17A YANGJIE-SMAJ17A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
More results

Similar Description - SMAJ17A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com