Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ4476 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMAJ4476
Description  Transient Voltage Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMAJ4476 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMAJ4476 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAJ4476 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMAJ6485 thru SMAJ6491
SMAJ4460 thru SMAJ4476
Document Number: SMAJ6485 thru SMAJ6491, SMAJ4460 thru SMAJ4476
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
No suffix indicates a ±5% tolerance on nominal VZ,C denotes a ±2% tolerance, and D denotes a ±1% tolerance.
2.
Zener voltage (VZ) is measured at TL=30℃. Voltage measurement to be performed 90 seconds after application of dc current.
3.
The Zener impedance is derived from the 60HZ ac voltage which results when an ac current having an rms value equal to 10%
of the dc Zener current (IZT or IZK).
4.
VF at 200mA 1.2 volts maximum and VF at 1.0A 1.5 volts maximum.
Characteristic Curve
Microsemi
Part
Number
Zener
Voltage
VZ @ IZT
Test
Current
Maximum
Dynamic
Impedance
ZZT=IZT
Maximum
Knee
Impedance
ZZk=IZk
Knee
Current
Maximum
Reverse
Current
IR @ VR
Maximum
Continous
Current
Maximum
Surge
Current at
8.3ms
square
Wave
TA=25℃
Maximum
Surge
Current
at 8.3ms
square
Wave
TA=100℃
VZ
(V)
IZT
(mA)
ZZT
(OHMS)
ZZK
(OHMS)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
mA
IZSM
(A)
IZSM
(A)
SMAJ6485
SMAJ6486
SMAJ6487
SMAJ6488
3.3
3.6
3.9
4.3
76.0
69.0
64.0
58.0
10.0
10.0
9.0
9.0
400
400
400
400
1.00
1.00
1.00
1.00
50.0
50.0
35.0
5.00
1.00
1.00
1.00
1.00
433
397
366
332
-
-
-
-
8.4
7.8
7.2
6.6
SMAJ6489
SMAJ6490
SMAJ6491
4.7
5.1
5.6
53.0
49.0
45.0
8
7
5
500
500
600
1.00
1.00
1.00
4.00
1.00
0.50
1.00
1.00
2.00
304
280
255
-
-
-
6.0
5.4
5.0
SMAJ4460
SMAJ4461
SMAJ4462
SMAJ4463
6.2
6.8
7.5
8.2
40.0
37.0
34.0
31.0
4
2.5
2.5
3.0
200
200
400
400
1.00
1.00
0.50
0.50
10.0
5.00
1.00
0.50
3.72
4.08
4.50
4.92
230
210
191
174
-
10
9
7.8
4.6
4.2
3.8
3.4
SMAJ4464
SMAJ4465
SMAJ4466
SMAJ4467
9.1
10.0
11.0
12.0
28.0
25.0
23.0
21.0
4.0
5.0
6.0
7.0
500
500
550
550
0.50
0.25
0.25
0.25
0.30
0.30
0.30
0.20
5.46
8.00
8.80
9.60
157
143
130
119
6.8
6.0
5.2
4.8
3.2
2.8
2.6
2.4
SMAJ4468
SMAJ4469
SMAJ4470
SMAJ4471
13.0
15.0
16.0
18.0
19.0
17.0
15.5
14.0
8.0
9.0
10.0
11.0
550
600
600
650
0.25
0.25
0.25
0.25
0.05
0.05
0.05
0.05
10.4
12.0
12.8
14.4
110
95
90
79
4.4
3.6
3.2
2.8
2.2
1.9
1.6
1.58
SMAJ4472
SMAJ4473
SMAJ4474
SMAJ4475
20.0
22.0
24.0
27.0
12.5
11.5
10.5
9.5
12.0
14.0
16.0
18.0
650
650
700
700
0.25
0.25
0.25
0.25
0.05
0.05
0.05
0.05
16.0
17.6
19.2
21.6
71
65
60
53
2.4
2.2
1.8
1.6
1.42
1.3
1.2
1.06
SMAJ4476
30.0
8.5
20.0
750
0.25
0.05
24.0
48
1.5
0.96
Fig.1 Power Derating Curve
2.0
1.5
1.0
0.5
0
0
50
100
150
200
Lead Temperature (℃)
打印无效


Similar Part No. - SMAJ4476

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMAJ4476 MICROSEMI-SMAJ4476 Datasheet
90Kb / 2P
   This 1.5 Watt Zener series in a low-profile light-weight plastic surface Mount Configuration
More results

Similar Description - SMAJ4476

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com