Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W04G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W04G
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W04G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W04G Datasheet HTML 1Page - List of Unclassifed Manufacturers W04G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number : W02G
www.smsemi.com
Mar 31, 2005
25
W02G thru W10G
SMSC
Catalog
Number
Maximum
Repetitive
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum
DC Blocking
Voltage
W02G
200V
140V
200V
W04G
400V
280V
400V
W06G
600V
420V
600V
W08G
800V
560V
800V
W10G
1000V
700V
1000V
Maximum Ratings and Thermal Characteristics (TA = 25OC unless otherwise noted)
Maximum average forward output rectified current Tc = 40
OC
IF(AV)
1.5
A
Peak forward surge current single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Rating for fusing (t<8.3ms)
I
2t
10
A
2sec
Maximum thermal resistance per leg
(1)
RθJA
RθJL
36
11
OC/W
Operating Junction and storage temperature range
Tj, TSTG
-55 to +150
OC
Electrical Characteristics (TA = 25OC unless otherwise noted)
Maximum Instantaneous Forward Voltage per leg
VF
1.1V
IFM =1.0A
Maximum DC reverse current at rated DC blocking voltage per leg
IR
5.0
µA
500
µA
TA = 25
OC
TA = 125
OC
Typical Junction Capacitance per leg
CJ
14pF
1.0MHZ,
VR=4.0V
Notes: (1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47
x 0.47” (12 x 12mm) copper pads.
Glass Passivated Single Phase
Bridge Rectifiers
Reverse Voltage 200 to 1000V
Forward current 1.5 Amp
Mechanical Data
Case: Molded plastic case
Terminals: Plated leads solderable per
MIL-STD-750, Method 2026
Polarity: Marked on Body
Mounting Position: Any
Weight: 0.04 oz., 1.1 g
Case WOG
Features
Glass passivated die construction
Ideal for printed circuit boards
Plastic material used carries UL
flammability recognition 94V-0
High surge current capability
High case dielectric strength of 1500
VRMS
0.220 (5.6)
0.160 (4.1)
0.388 (9.86)
0.348 (8.84)
0.032 (0.81)
0.028 (0.71)
1.0
(25.4)
MIN.
0.060 (1.52)
0.020 (0.51)
0.348 (8.84)
0.308 (7.82)
0.220 (5.6)
0.180 (4.6)
0.220 (5.6)
0.180 (4.6)
Dimensions in inches and (millimeters)


Similar Part No. - W04G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W04G PANJIT-W04G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W04G WTE-W04G Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
W04G VISHAY-W04G Datasheet
81Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
logo
Won-Top Electronics
W04G WTE-W04G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
W04G TSC-W04G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - W04G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com