Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5917 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMBJ5917
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ5917 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMBJ5917 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ5917 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ5917 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMBJ5913 thru SMBJ5936
Document Number: SMBJ5913 thru SMBJ5936
www.smsemi.com
Feb.29, 2012
3
Characteristic Curve
Fig.1 Power Derating Curve
Fig.2 Transient Surge Capability
Square-Wave Pulse Width (non-
Repetitive) in milliseconds
0.01
0.1
1.0
10
10
2
10
3
Time in Milliseconds (ms)
2.0
1.5
1.0
0.5
0
TL
TA
10
3
10
2
10
1.0
0
50
100
150
200
Lead or Ambient Temperature (℃)
0
50
100
150
200
Zener Voltage (V)
100
10
1
Fig.3 Capacitance vs. Zener Voltage
At zero volts
At 2volts (VR)
打印无效


Similar Part No. - SMBJ5917

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5917 JGD-SMBJ5917 Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5917 MCC-SMBJ5917 Datasheet
353Kb / 2P
   Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
SMBJ5917 MICROSEMI-SMBJ5917 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
Formosa MS
SMBJ5917 FORMOSA-SMBJ5917 Datasheet
526Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
SMBJ5917A JGD-SMBJ5917A Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
More results

Similar Description - SMBJ5917

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com